Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8800HEEVY Datasheet(PDF) 29 Page - Analog Microelectronics

Part # AME8800HEEVY
Description  300mA CMOS LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800HEEVY Datasheet(HTML) 29 Page - Analog Microelectronics

Back Button AME8800HEEVY Datasheet HTML 25Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 26Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 27Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 28Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 29Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 30Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 31Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 32Page - Analog Microelectronics AME8800HEEVY Datasheet HTML 33Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AME
29
AME8800 / 8811
300mA CMOS LDO
Rev.T.05
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOT-25
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
n Tape and Reel Dimension
Carrier Tape, Number of Components Per Reel and Reel Size
SOT-25
W
P
AME
AME
PIN 1
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TSOT-25
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
Carrier Tape, Number of Components Per Reel and Reel Size
TSOT-25
W
P
AME
AME
PIN 1


Similar Part No. - AME8800HEEVY

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800HEEV AME-AME8800HEEV Datasheet
132Kb / 20P
   300mA CMOS LDO
More results

Similar Description - AME8800HEEVY

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com