Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75189N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189N
Description  QUADRUPLE LINE RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75189N Datasheet HTML 2Page - Texas Instruments SN75189N Datasheet HTML 3Page - Texas Instruments SN75189N Datasheet HTML 4Page - Texas Instruments SN75189N Datasheet HTML 5Page - Texas Instruments SN75189N Datasheet HTML 6Page - Texas Instruments SN75189N Datasheet HTML 7Page - Texas Instruments SN75189N Datasheet HTML 8Page - Texas Instruments SN75189N Datasheet HTML 9Page - Texas Instruments SN75189N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
50%
10%
tTHL
tTLH
tPLH
10%
50%
90%
VOL
VOH
0 V
4 V
≤10 ns
10%
50%
90%
tPHL
10%
50%
≤10 ns
VCC
Pulse
Generator
(see Note A)
(see Note B)
CL = 15 pF
See Note C
RL
Output
90%
Open
Control
Response
TEST CIRCUIT
VOLTAGE WAVEFORMS
Input
Output
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, tw = 500 ns.
B. CL includes probe and jig capacitances.
C. All diodes are 1N3064 or equivalent.
Figure 4. Test Circuit and Voltage Waveforms


Similar Part No. - SN75189N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189N TI-SN75189N Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189N TI-SN75189N Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189N TI1-SN75189N Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189NE4 TI-SN75189NE4 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189NS TI-SN75189NS Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489_08 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com