Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS12A12511DRJR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DRJR
Description  SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511DRJR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS12A12511DRJR Datasheet HTML 11Page - Texas Instruments TS12A12511DRJR Datasheet HTML 12Page - Texas Instruments TS12A12511DRJR Datasheet HTML 13Page - Texas Instruments TS12A12511DRJR Datasheet HTML 14Page - Texas Instruments TS12A12511DRJR Datasheet HTML 15Page - Texas Instruments TS12A12511DRJR Datasheet HTML 16Page - Texas Instruments TS12A12511DRJR Datasheet HTML 17Page - Texas Instruments TS12A12511DRJR Datasheet HTML 18Page - Texas Instruments TS12A12511DRJR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
REVISION HISTORY
Changes from Revision A (May 2010) to Revision B
Page
Deleted preview status from DGK and DCN packages. ....................................................................................................... 1
Copyright
© 2009–2011, Texas Instruments Incorporated
15


Similar Part No. - TS12A12511DRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511DRJR TI1-TS12A12511DRJR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DRJR TI1-TS12A12511DRJR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DRJR

ManufacturerPart #DatasheetDescription
logo
Savitech Corp.
SV74157A SAVITECH-SV74157A Datasheet
254Kb / 8P
   Single SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Vishay Siliconix
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com