Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72009YZUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72009YZUT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72009YZUT Datasheet(HTML) 5 Page - Texas Instruments

  TPS72009YZUT Datasheet HTML 1Page - Texas Instruments TPS72009YZUT Datasheet HTML 2Page - Texas Instruments TPS72009YZUT Datasheet HTML 3Page - Texas Instruments TPS72009YZUT Datasheet HTML 4Page - Texas Instruments TPS72009YZUT Datasheet HTML 5Page - Texas Instruments TPS72009YZUT Datasheet HTML 6Page - Texas Instruments TPS72009YZUT Datasheet HTML 7Page - Texas Instruments TPS72009YZUT Datasheet HTML 8Page - Texas Instruments TPS72009YZUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DEVICE INFORMATION
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
BIAS
PIN CONFIGURATION
IN
GND
BIAS
6
5
4
OUT
NC
EN
1
2
3
Thermal
Pad
(1)
BIAS
IN
EN
GND
OUT
C3
B2
A3
C1
A1
TPS720xx
www.ti.com........................................................................................................................................................ SBVS100D – JUNE 2008 – REVISED AUGUST 2009
Functional Block Diagram
DRV PACKAGE
YZU PACKAGE
SON-6
WCSP-5
(TOP VIEW)
(TOP VIEW)
(1)
It is recommended that the SON (DRV)
package thermal pad be connected to
ground.
PIN DESCRIPTIONS
TPS720xx
NAME
DRV
YZU
DESCRIPTION
Output pin. A 2.2
µF ceramic capacitor is connected from this pin to ground, for stability and to provide load
OUT
1
A3
transients. See Input and Output Capacitor Requirements in the Application Information section.
NC
2
No connection.
Enable pin. A logic high signal on this pin turns the device on and regulates the voltage from IN to OUT. A
EN
3
C3
logic low on this pin turns off the device.
Bias supply pin. It is recommended that this input be bypassed with a ceramic capacitor to ground for better
BIAS
4
C1
transient performance. See Input and Output Capacitor Requirements in the Application Information section.
GND
5
B2
Ground pin.
Input pin. This pin can be a maximum of 4.5V; VIN must not exceed VBIAS. Bypass this input with a ceramic
IN
6
A1
capacitor to ground. See Input and Output Capacitor Requirements in the Application Information section.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS72009YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72009YZUT TI1-TPS72009YZUT Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72009YZUT TI1-TPS72009YZUT Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72009YZUT TI1-TPS72009YZUT Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72009YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com