Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8800HEEV Datasheet(PDF) 25 Page - Analog Microelectronics

Part # AME8800HEEV
Description  300mA CMOS LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800HEEV Datasheet(HTML) 25 Page - Analog Microelectronics

Back Button AME8800HEEV Datasheet HTML 21Page - Analog Microelectronics AME8800HEEV Datasheet HTML 22Page - Analog Microelectronics AME8800HEEV Datasheet HTML 23Page - Analog Microelectronics AME8800HEEV Datasheet HTML 24Page - Analog Microelectronics AME8800HEEV Datasheet HTML 25Page - Analog Microelectronics AME8800HEEV Datasheet HTML 26Page - Analog Microelectronics AME8800HEEV Datasheet HTML 27Page - Analog Microelectronics AME8800HEEV Datasheet HTML 28Page - Analog Microelectronics AME8800HEEV Datasheet HTML 29Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AME
25
AME8800 / 8811
300mA CMOS LDO
Rev.T.05
Ground Current vs. Input Voltage
Load Step (1mA-300mA)
Power Supply Rejection Ratio
Safe Operating Area
Drop Out Voltage vs. Load Current
Drop Out Voltage vs. Output Voltage
100mA
10mA
1mA
100
µ A
100mA
100
µA
C
L=2.2µF Tantalum
C
BYP =0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1K
100K
Frequency (Hz)
10M
Tantalum
TIME(20mS/DIV)
C
L
=2.2
µF
C
IN =2.2µF
Output
I
Load
0
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
85
O
C
25
O
C
1200
1000
800
600
400
200
0
50
100
150
200
250
300
Load Current (mA)
V
OUT=1.3V
V
OUT=1.5V
V
OUT=1.8V
Top to Bottom
V
OUT=2.3V
V
OUT=2.5V
V
OUT=2.8V
V
OUT=3.0V
V
OUT=3.3V
V
OUT=3.5V
V
OUT=3.8V
V
OUT=4.0V
1200
1000
800
600
400
200
1.3 1.5
2
3
4
Output Voltage (V)
I
O=100mA
I
O=200mA
0
I
O=300mA
5
n Characterization Curve(For reference only)
Input Output Voltage Differential (V)
10
100
300
0.1
1.0
8.0
SOT-89
SOT-2X
TO-92


Similar Part No. - AME8800HEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800HEEV AME-AME8800HEEV Datasheet
132Kb / 20P
   300mA CMOS LDO
More results

Similar Description - AME8800HEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com