Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C040ANL Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370C040ANL
Description  CMOS EEPROM/EPROM Technologies on a Single Device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C040ANL Datasheet(HTML) 2 Page - Texas Instruments

  TMS370C040ANL Datasheet HTML 1Page - Texas Instruments TMS370C040ANL Datasheet HTML 2Page - Texas Instruments TMS370C040ANL Datasheet HTML 3Page - Texas Instruments TMS370C040ANL Datasheet HTML 4Page - Texas Instruments TMS370C040ANL Datasheet HTML 5Page - Texas Instruments TMS370C040ANL Datasheet HTML 6Page - Texas Instruments TMS370C040ANL Datasheet HTML 7Page - Texas Instruments TMS370C040ANL Datasheet HTML 8Page - Texas Instruments TMS370C040ANL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Pin Descriptions
PIN
NO.
TYPE
DESCRIPTION
DIP (40)
LCC (44)
TYPE
DESCRIPTION
A0
A1
A2
A3
A4
A5
A6
A7
18
17
16
15
14
13
11
10
20
19
18
17
16
15
13
12
I/O
Port A pins are general-purpose bidirectional I/O ports.
B0
B1
B2
39
40
1
44
1
2
I/O
Port B pins are general-purpose bidirectional I/O ports.
D3
D4
D5
D6
D7
21
20
35
22
19
23
22
40
24
21
I/O
Port D pins are general-purpose bidirectional I/O ports.
D3 is also configurable as SYSCLK.
AN0/E0
AN1/E1
AN2/E2
AN3/E3
AN4/E4
AN5/E5
AN6/E6
AN7/E7
23
24
27
28
25
26
27
28
30
31
32
33
I
Analog-to-digital converter 1 (ADC1) analog input channels or positive reference pins; any
ADC1 channel can be programmed as general-purpose input pin (E port) if not used as an
analog input or reference channel.
VCC3
VSS3
26
25
11
29
ADC1 converter positive supply voltage and optional positive reference input pin
ADC1 converter ground supply and low reference input pin
INT1
INT2
INT3
6
7
8
7
8
9
I
I/O
I/O
External (non-maskable or maskable) interrupt/general-purpose input pin
External maskable interrupt input/general-purpose bidirectional pin
External maskable interrupt input/general-purpose bidirectional pin
T1IC/CR
T1PWM
T1EVT
31
30
29
36
35
34
I/O
Timer 1 input capture/counter reset input pin/general-purpose bidirectional pin
Timer 1 pulse-width-modulation output pin/general-purpose bidirectional pin
Timer 1 external event input pin/general-purpose bidirectional pin
T2AIC1/CR
T2AIC2/PWM
T2AEVT
4
3
2
5
4
3
I/O
Timer 2A input capture/counter reset input pin/general-purpose bidirectional pin
Timer 2A input capture 2/PWM output pin/general-purpose bidirectional pin
Timer 2A external event input pin/general-purpose bidirectional pin
SCITXD
SCIRXD
SCICLK
38
37
36
43
42
41
I/O
SCI transmit data output pin/general-purpose bidirectional pin
SCI receive data input pin/general-purpose bidirectional pin
SCI bidirectional serial clock pin/general-purpose bidirectional pin
RESET
5
6
I/O
System reset bidirectional pin. As input, RESET initializes microcontroller; as open-drain
output, RESET indicates detection of an internal fault by the watchdog or oscillator fault cir-
cuit.
MC
34
39
I
Mode control input pin; enables the EEPROM write-protection-override (WPO) mode, also
EPROM VPP.
XTAL1
XTAL2/CLKIN
32
33
37
38
I
O
Internal-oscillator output for crystal
Internal-oscillator crystal input/external clock source input
VCC
VSS
9
12
10
14
Positive supply voltage
Ground reference
I = input, O = output
The three-pin configuration SCI is referred to as SCI1.


Similar Part No. - TMS370C040ANL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C040ANL TI1-TMS370C040ANL Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C040ANL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
   CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Shenzhen Huazhimei Semi...
HM1138 HMSEMI-HM1138 Datasheet
1Mb / 10P
   voltage regulators manufactured by CMOS technologies
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
logo
Xilinx, Inc
DS670 XILINX-DS670 Datasheet
661Kb / 11P
   Low-power CMOS EPROM process
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com