Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11032DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11032DRG4
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11032DRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11032DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
tPLH
tPHL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns,
tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74ACT11032DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11032D TI-74ACT11032D Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DB TI-74ACT11032DB Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - 74ACT11032DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com