Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7771N1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7771N1
Description  The PT7771 is a high-output Integrated grated Switching Regulator (ISR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7771N1 Datasheet(HTML) 1 Page - Texas Instruments

  PT7771N1 Datasheet HTML 1Page - Texas Instruments PT7771N1 Datasheet HTML 2Page - Texas Instruments PT7771N1 Datasheet HTML 3Page - Texas Instruments PT7771N1 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
Cin = Required 2400µF electrolytic
Cout = Required 2400µF electrolytic
L1
= Optional 1µH input choke
32 Amp “Sledge Hammer”
Programmable ISR
PT7771—5V
The PT7771 is a high-output Inte-
grated Switching Regulator (ISR)
housed in a 27-pin SIP package. The
PT7771 operates off a standard 5V bus
to provide a 32 amp low-voltage power
source for the industry’s latest high-
speed µPs, ASICs, DSPs.
The PT7771 has been designed to
work in parallel with one or more of
the PT7746 -32A current boosters to
increase the load current capability in
increments of 32A.
The output voltage is program-
mable from 1.3V to 3.5V via a 5-bit
input, compatible with Intel’s Pentiumâ
Pro Processor. A differential remote
sense is also provided to compensate
for voltage drop between the ISR and
load.
An output capacitance of 2400µF is
required for proper operation.
Note that this product does not
include short circuit protection.
For STBY* pin; open = output enabled;
ground = output disabled.
Pin-Out Information
PT7770
7 - 11
13 - 19
20 - 25
27
V
IN
GND
1H
GND
V
OUT
C
OUT
+
C
IN
+
12
26
1
L1
SYNC OUT
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID1
VID2
VID3
VID4
PROGRAMMING PINS
2
3
4
STBY*
5
6
VID0
Pin
Function
1 VID0
2 VID1
3 VID2
4 VID3
5 STBY*- Stand-by
6 VID4
7 V
in
8 V
in
9 V
in
10 V
in
11 V
in
12 Remote Sense Gnd
13 GND
Pin
Function
14 GND
15 GND
16 GND
17 GND
18 GND
19 GND
20 Vout
21 Vout
22 Vout
23 Vout
24 Vout
25 Vout
26 Remote Sense Vout
27 Sync Out
SLTS054A
(Revised 6/30/2000)
Specifications
Characteristics
PT7771
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta
= +60°C, 200 LFM, pkg N
0.1 (1)
—32
A
Ta
= +25°C, natural convection
0.1 (1)
—26
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 32A
4.5 (2)
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 32A
Vo-0.03
Vo+0.03
V
0°C
≤ Ta ≤ +55°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 32A
±10
mV
Load Regulation
Regload
Vin = +5V, 0.1
≤ Io ≤ 32A
±10
mV
Vo Ripple/Noise pk-pk
Vn
Vin = +5V, Io = 32A
50
mV
Transient Response
ttr
Io step between 16A and 32A
100
µSec
with Cout = 2400µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin = +5V, Io = 20A, Vo = 3.3V
90
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
650
700
750
kHz
0.1A
≤ Io ≤ 32A
Absolute Maximum
Ta
Over Vin Range
0
+85 (3)
°C
Operating Temperature Range
Storage Temperature
Ts
-40
+125
°C
Weight
Vertical/Horizontal
53/66
grams
Notes: (1) ISR-will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
(2) The minimum input voltage is 4.5V or Vout +1.2V, whichever is greater.
(3) Consult the SOA curves or contact the factory for the appropriate derating.
Output Capacitors: The PT7771 regulator requires a minimum output capacitance of 2400µF for proper operation. Do not use Oscon type capacitors.
The maximum allowable output capacitance is 30,000µF.
Input Filter: An input filter is optional for most applications. The input inductor must be sized to handle 32ADC with a typical value of 1µH.
The input capacitance must be rated for a minimum of 2.6Arms of ripple current. For transient or dynamic load applications, additional
capacitance may be required.


Similar Part No. - PT7771N1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7771 TI-PT7771 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
More results

Similar Description - PT7771N1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
[Old version datasheet]   10-A 12V-Input Dual Output Integrated Switching Regulator
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
logo
Texas Instruments
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
logo
Allegro MicroSystems
A6213 ALLEGRO-A6213 Datasheet
641Kb / 17P
   The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com