Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2996LQ Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2996LQ
Description  LP2996-N DDR Termination Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996LQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2996LQ Datasheet HTML 2Page - Texas Instruments LP2996LQ Datasheet HTML 3Page - Texas Instruments LP2996LQ Datasheet HTML 4Page - Texas Instruments LP2996LQ Datasheet HTML 5Page - Texas Instruments LP2996LQ Datasheet HTML 6Page - Texas Instruments LP2996LQ Datasheet HTML 7Page - Texas Instruments LP2996LQ Datasheet HTML 8Page - Texas Instruments LP2996LQ Datasheet HTML 9Page - Texas Instruments LP2996LQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
-
+
VTT
PVIN
VDDQ
SD
GND
AVIN
VSENSE
50k
50k
+
-
VREF
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
3
3.5
4
4.5
5
5.5
2
2.2
2.4
2.6
2.8
3
AVIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Maximum Sinking Current vs AVIN
Maximum Sourcing Current vs AVIN
(VDDQ = 2.5V)
(VDDQ = 1.8V, PVIN = 1.8V)
Figure 16.
Figure 17.
Maximum Sinking Current vs AVIN
Maximum Sourcing Current vs AVIN
(VDDQ = 1.8V)
(VDDQ = 1.8V, PVIN = 3.3V)
Figure 18.
Figure 19.
BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N


Similar Part No. - LP2996LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2996LQ NSC-LP2996LQ Datasheet
450Kb / 18P
   DDR Termination Regulator
logo
Texas Instruments
LP2996LQ TI1-LP2996LQ Datasheet
330Kb / 21P
[Old version datasheet]   DDR Termination Regulator
LP2996LQ TI-LP2996LQ Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
LP2996LQ/NOPB TI1-LP2996LQ/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   DDR Termination Regulator
logo
National Semiconductor ...
LP2996LQX NSC-LP2996LQX Datasheet
450Kb / 18P
   DDR Termination Regulator
More results

Similar Description - LP2996LQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2996LQ TI-LP2996LQ Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com