Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD2410 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DSD2410
Description  Control Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DSD2410 Datasheet(HTML) 1 Page - Crydom Inc.,

  DSD2410_10 Datasheet HTML 1Page - Crydom Inc., DSD2410_10 Datasheet HTML 2Page - Crydom Inc., DSD2410_10 Datasheet HTML 3Page - Crydom Inc., DSD2410_10 Datasheet HTML 4Page - Crydom Inc., DSD2410_10 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSD / DLD Series
• Time-delay solid-state relays
• Ratings from 10A to 50A @ 240 VAC
• External time adjustment
• DC control
• Zero-crossing (resistive loads) output
• Ideal for compressor applications
CE Compliant to EN60950-1
PRODUCT SELECTION
Description
10 A
25 A
50 A
3.5-15 VDC Control
DSD2410
DSD2425
DSD2450
3.5-15 VDC Control
DLD2410
DLD2425
DLD2450
OUTPUT SPECIFICATIONS (voltage) (1)
Description
Operating Voltage (47-63Hz) [Vrms]
48-280
Transient Overvoltage [Vpk]
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
10
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
OUTPUT SPECIFICATIONS (current) (1)
Description
10 A
25 A
50 A
Maximum Load Current (3) [Arms]
10
25
50
Minimum Load Current (3) [Arms]
0.04
0.04
0.04
Maximum Surge Current (16.6ms) [Apk]
120
250
625
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.48
1.02
0.63
Maximum I²t for Fusing (8.3 msec) [A²sec]
60
260
1620
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
3.5-15 VDC
Maximum Turn-On Voltage
3.5 VDC
Maximum Turn-Off Voltage
1.0 VDC
Typical Input Current
3.4 mA @ 5 Vdc, 11.4 mA @ 15 Vdc
Nominal Input Impedance
1500 Ohm
Maximum Turn-On Time [msec] (4)
Adlustable, See Table
Maximum Turn-Off Time [msec]
1/2 Cycle
Maximum Reset Time [µsec] (5)
100
TYPICAL TURN-ON DELAY
Resistor
Time DSD
Time DLD
0 (Short)
.10 sec
1.6 sec
10K
.19 sec
3.1 sec
100K
.94 sec
15 sec
470K
4.0 sec
64 sec
1.0M (4)
8.3 sec
133 sec


Similar Part No. - DSD2410_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSD2410 ETC1-DSD2410 Datasheet
48Kb / 2P
   Time Delay Relay 10-50 Amp
logo
Crydom Inc.,
DSD2410 CRYDOM-DSD2410 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - DSD2410_10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DP4R60D20 CRYDOM-DP4R60D20 Datasheet
1Mb / 7P
   control relays
logo
Allen-Bradley
700S-CF ALLEN-BRADLEY-700S-CF Datasheet
193Kb / 12P
   Safety Control Relays
logo
Fuji Electric
RB104 FUJI-RB104 Datasheet
51Kb / 1P
   Industrial Control Relays
logo
Allen-Bradley
700S-P ALLEN-BRADLEY-700S-P Datasheet
71Kb / 3P
   Safety Control Relays
logo
Siemens Semiconductor G...
3RH1921-1EA11 SIEMENS-3RH1921-1EA11 Datasheet
552Kb / 4P
   Contactors / 3RH Control Relays
logo
Eaton All Rights Reserv...
EASY500 EATON-EASY500 Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
logo
Siemens Semiconductor G...
3RH1921-1FA22 SIEMENS-3RH1921-1FA22 Datasheet
552Kb / 4P
   3RT Contactors / 3RH Control Relays
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
celduc-relais
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com