Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML25PS1PG Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ML25PS1PG
Description  High value and outstanding performance No internal elastomeric seals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ML25PS1PG Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ML25PS1PG Datasheet HTML 1Page - Honeywell Solid State Electronics Center ML25PS1PG Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
BENEFITS
HOW TO ORDER
APPLICATIONS
DIESEL ENGINES
REFRIGERATION AND
HVAC SYSTEMS
HYDRAULIC FLUID
PRESSURES
GENERAL
INDUSTRIAL
PRESSURE
OFF ROAD
VEHICLES
• High value and outstanding performance
• Excellent OEM value
• No internal elastomeric seals
• Eliminates O-Ring compatability issues
• Amplified outputs
• Eliminates cost of external amplifiers
• Reverse polarity protection
• Not damaged by reversed excitation
• Less than 500 microseconds response time
• Accurate high speed measurements
• Designed to meet IP65 standards*
• Protected from harsh environments
• Exceeds CE Heavy Industrial EMC
* With appropriate mating connector, Packard #12065287.
MODEL ML • OEM PRESSURE TRANSDUCER
The model ML pressure transducer combines
the latest in ASIC technology with our proven
stainless steel design.This digitally compensated
transducer offers an unparalleled value and
performance combination making it the ideal
pressure sensing solution for demanding
automotive and industrial applications. Fully
temperature compensated, calibrated, and
amplified, the ML is available in 100 to 5000
PSIS pressure ranges.
The ML has three standard output options:
a 0.50 to 4.50 Vdc ratiometric output from
5 Vdc excitation, a 1.0 to 6.0 Vdc regulated out-
put from 7-35 Vdc excitation, and a 4-20 mA
current from 9-35 Vdc excitation. The ML
transducer delivers
±0.25% full scale accuracy
(BFSL) over a wide temperature range of -40
°C
to 105
°Candutilizesaprovenindustrystandard
connector for high reliability and user flexibility.
Note: Not all combinations are available. Minimum quantity orders apply. Contact the factory for more details.
Model
Range
Unit
Output
Termination
Pressure Connection
Reference
ML
100
P
S
1
P
G
001
016
100
004
025
160
006
040
250
010
060
350
BAR
15
100
01K
25
200
02K
50
300
03K
500
05K
PSI
P = PSI
B = BAR
C = 0.5-4.5 VDC
G = 4-20 mA
R5 = 1-6 VDC
P = Packard
1 = 1/8-27 NPT
2 = 1/4-18 NPT
G = Gage (only on < 100 PSI)
S = Sealed


Similar Part No. - ML25PS1PG

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ML25PS1PG HONEYWELL-ML25PS1PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
ML25PS1PG HONEYWELL-ML25PS1PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
More results

Similar Description - ML25PS1PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-PML ETC2-ANT-916-PML Datasheet
81Kb / 1P
   Outstanding performance
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Linx Technologies
ANT-2.4-PML LINX-ANT-2.4-PML Datasheet
288Kb / 2P
   Outstanding performance
5/1/15
ANT-433-PW-QW LINX-ANT-433-PW-QW Datasheet
436Kb / 2P
   Outstanding performance
1/26/15
logo
Grayhill, Inc
71A30-02-1-12N-C GRAYHILL-71A30-02-1-12N-C Datasheet
363Kb / 14P
   Performance and Value Leader
logo
STMicroelectronics
STM32H730 STMICROELECTRONICS-STM32H730 Datasheet
320Kb / 4P
   High-performance value lines
logo
Linx Technologies
ANT-868-CW-QW LINX-ANT-868-CW-QW Datasheet
342Kb / 2P
   CW Series 쩌-wave antennas deliver outstanding performance
12/9/13
ANT-418-CW-QW LINX-ANT-418-CW-QW Datasheet
343Kb / 2P
   CW Series 쩌-wave antennas deliver outstanding performance in a rugged and cosmetically
12/9/13
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
   Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com