Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475TTA450M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 475TTA450M
Description  85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475TTA450M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  475TTA450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475TTA450M Datasheet HTML 2Page - Illinois Capacitor, Inc. 475TTA450M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TTA
+85°C, Standard, general
purpose 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
3300
50
338TTA050M
0.0804
2350
22x41
3300
63
338TTA063M
0.0804
2370
22x51
4700
10
478TTA010M
0.099
1730
16x31
4700
16
478TTA016M
0.088
1840
16x31.5
4700
25
478TTA025M
0.081
2190
16x41
4700
35
478TTA035M
0.0635
2470
22x41
4700
50
478TTA050M
0.0635
2510
22x51
4700
63
478TTA063M
0.0635
3080
25x60
6800
16
688TTA016M
0.071
2310
16x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
6800
25
688TTA025M
0.066
2480
18x41
6800
35
688TTA035M
0.059
2760
22x51
10000
10
109TTA010M
0.0332
2350
18x41
10000
16
109TTA016M
0.058
2520
18x41
10000
25
109TTA025M
0.063
3240
22x51
10000
35
109TTA035M
0.0497
3500
25x51
15000
16
159TTA016M
0.0497
3310
22x51
15000
25
159TTA025M
0.0475
3700
25x51
22000
16
229TTA016M
0.045
3600
22x51


Similar Part No. - 475TTA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475TTA450M ILLINOISCAPACITOR-475TTA450M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
475TTA450M ILLINOISCAPACITOR-475TTA450M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
475TTA450M ILLINOISCAPACITOR-475TTA450M Datasheet
291Kb / 3P
   Axial lead - High voltage
475TTA450M ILLINOISCAPACITOR-475TTA450M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
475TTA450M ILLINOISCAPACITOR-475TTA450M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 475TTA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TE101M1ETR080130 RFE-TE101M1ETR080130 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
TEA RFE-TEA Datasheet
187Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
REV 2010.10.10
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M_13 Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com