Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURP840 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RURP840
Description  8A, 400V - 600V Ultrafast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURP840 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RURP840 Datasheet HTML 1Page - Fairchild Semiconductor RURP840 Datasheet HTML 2Page - Fairchild Semiconductor RURP840 Datasheet HTML 3Page - Fairchild Semiconductor RURP840 Datasheet HTML 4Page - Fairchild Semiconductor RURP840 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
MUR840, MUR860, RURP840, RURP86 Rev. B
MUR840, MUR860, RURP840, RURP860
8A, 400V - 600V Ultrafast Diodes
The MUR840, MUR860, RURP840 and RURP860 are low
forward voltage drop ultrafast recovery rectifiers (trr < 60ns).
They use a glass-passivated ion-implanted, epitaxial
construction.
These devices are intended for use as output rectifiers and
flywheel diodes in a variety of high-frequency pulse-width
modulated switching regulators. Their low stored charge and
attendant fast reverse-recovery behavior minimize electrical
noise generation and in many circuits markedly reduce the
turn-on dissipation of the associated power switching
transistors.
Formerly developmental type TA09616.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <60ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
MUR840
TO-220AC
MUR840
RURP840
TO-220AC
RURP840
MUR860
TO-220AC
MUR860
RURP860
TO-220AC
RURP860
NOTE: When ordering, use the entire part number.
K
A
CATHODE
(FLANGE)
CATHODE
ANODE
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
MUR840
RURP840
MUR860
RURP860
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 155
oC)
88
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
16
16
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
100
100
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
75
75
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
-65 to 175
oC
Maximum Lead Temperature for Soldering
Leads at 0.063 in. (1.6mm) from case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
300
oC
Package Body for 10s, see Tech Brief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
260
260
oC
Data Sheet
January 2002


Similar Part No. - RURP840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP840 INTERSIL-RURP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
More results

Similar Description - RURP840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Diodes
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
   15A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com