Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PSB252K2H Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part No. 104PSB252K2H
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PSB252K2H Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  104PSB252K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 104PSB252K2H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.0047
3000 472PSB302K2G
3400
1.5
87
26.5x16x7
22.5
0.8
2
0.0068
2500 682PSB252K2G
2650
1.5
70
26.5x16x7
22.5
0.8
2
0.0068
3000 682PSB302K2G
3400
2
64
26.5x17x8.5
22.5
0.8
2
0.01
2500 103PSB252K2G
2650
2
51
26.5x17x8.5
22.5
0.8
2
0.01
3000 103PSB302K2G
3400
2.5
46
26.5x20x11
22.5
0.8
2
0.01
3000 103PSB302K2H
2750
2.5
54
32x20x11
27.5
0.8
2
0.015
2000 153PSB202K2G
2150
2
38
26.5x16x7
22.5
0.8
2
0.015
2500 153PSB252K2G
2650
2.5
36
26.5x18.5x10
22.5
0.8
2
0.015
3000 153PSB302K2G
3400
3
33
26.5x22x13
22.5
0.8
2
0.015
3000 153PSB302K2H
2750
3
38
32x20x11
27.5
0.8
2
0.022
1500 223PSB152K2G
1500
2.5
30
26.5x16x7
22.5
0.8
2
0.022
2000 223PSB202K2G
2150
3
28
26.5x17x8.5
22.5
0.8
2
0.022
2500 223PSB252K2G
2650
3.5
26.5
26.5x22x13
22.5
0.8
2
0.022
2500 223PSB252K2H
2150
3.5
30.5
32x20x11
27.5
0.8
2
0.022
3000 223PSB302K2H
2750
4
26.5
32x22x13
27.5
0.8
2
0.033
1200 333PSB122K2G
1300
3
23
26.5x16x7
22.5
0.8
2
0.033
1500 333PSB152K2G
1500
3.5
22
26.5x17x8.5
22.5
0.8
2
0.033
2000 333PSB202K2G
2150
4.5
20.5
26.5x20x11
22.5
0.8
2
0.033
2000 333PSB202K2H
1750
4
23.7
32x20x11
27.5
0.8
2
0.033
2500 333PSB252K2H
2150
4
22.5
32x22x13
27.5
0.8
2
0.033
3000 333PSB302K2H
2750
5
19
32x24.5x15
27.5
0.8
2
0.033
3000 333PSB302K4H
2750
7
18.3
32x33x18
27.5
1.2
5.1
4
0.047
1000 473PSB102K2G
1000
3.5
18.5
26.5x16x7
22.5
0.8
2
0.047
1200 473PSB122K2G
1300
3.5
16.9
26.5x17x8.5
22.5
0.8
2
0.047
1500 473PSB152K2G
1500
4
16.5
26.5x18.5x10
22.5
0.8
2
0.047
1500 473PSB152K2H
1225
4
18.2
32x17x9
27.5
0.8
2
0.047
2000 473PSB202K2G
2150
5
14.8
26.5x22x13
22.5
0.8
2
0.047
2000 473PSB202K2H
1750
4.5
16.8
32x20x11
27.5
0.8
2
0.047
2500 473PSB252K2H
2150
5.5
16
32x24.5x15
27.5
0.8
2
0.047
3000 473PSB302K2H
2750
7.5
14
32x33x18
27.5
1
2
0.047
3000 473PSB302K4H
2750
8.5
13.3
32x33x18
27.5
1.2
10.2
4
0.068
850
683PSB850K2G
850
4
14
26.5x16x7
22.5
0.8
2
0.068
1000 683PSB102K2G
1000
4.5
13.7
26.5x17x8.5
22.5
0.8
2
0.068
1200 683PSB122K2G
1300
4.5
12.7
26.5x18.5x10
22.5
0.8
2
0.068
1200 683PSB122K2H
1100
4.5
14.3
32x17x9
27.5
0.8
2
0.068
1500 683PSB152K2G
1500
5.5
12.3
26.5x22x13
22.5
0.8
2
0.068
1500 683PSB152K2H
1225
5
13.8
32x20x11
27.5
0.8
2
0.068
2000 683PSB202K2H
1750
6
12.1
32x22x13
27.5
0.8
2
0.068
2500 683PSB252K2H
2150
8.5
11.3
32x33x18
27.5
1
2
0.068
3000 683PSB302K2J
1600
7.5
12.3
42.5x28x17
37.5
1.2
2
0.068
3000 683PSB302K2H
2750
10
10.4
32x37x22
27.5
1.2
2
0.068
3000 683PSB302K4H
2750
11
9.6
32x37x22
27.5
1.2
10.2
4
0.1
700
104PSB700K2G
600
4
13.3
26.5x16x7
22.5
0.8
2
0.1
850
104PSB850K2G
850
5
10.4
26.5x18.5x10
22.5
0.8
2
0.1
1000 104PSB102K2G
1000
5.5
9.9
26.5x20x11
22.5
0.8
2
0.1
1000 104PSB102K2H
850
5
11
32x17x9
27.5
0.8
2
0.1
1200 104PSB122K2G
1300
6
9.7
26.5x22x13
22.5
0.8
2
0.1
1200 104PSB122K2H
1100
6
10.6
32x20x11
27.5
0.8
2
0.1
1500 104PSB152K2H
1225
6.5
9.5
32x22x13
27.5
0.8
2
0.1
2000 104PSB202K2H
1750
7.5
8.4
32x24.5x15
27.5
1
2
0.1
2500 104PSB252K2H
2150
10.5
7.6
32x33x18
27.5
1.2
2
0.1
2500 104PSB252K2J
1350
8
11.5
42.5x28x17
37.5
1.2
2
0.1
2500 104PSB252K4H
2150
11.5
6.9
32x33x18
27.5
1.2
4
0.1
3000 104PSB302K4J
1600
10.5
8.6
42.5x30x22
37.5
1.2
10.2
4
0.1
3000 104PSB302K2J
1600
9.5
9.3
42.5x30x22
37.5
1.2
2
0.1
3000 104RSB302K2H
3350
8
12
32x33x18
27.5
1.2
2
0.15
700
154PSB700K2G
600
5.5
9.5
26.5x18.5x10
22.5
0.8
2
0.15
850
154PSB850K2H
700
6.5
8.6
32x20x11
27.5
0.8
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn