Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA3R48E2 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRA3R48E2
Description  DIN Rail Mount Contactor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA3R48E2 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRA3R48E2 Datasheet HTML 1Page - Crydom Inc., DRA3R48E2 Datasheet HTML 2Page - Crydom Inc., DRA3R48E2 Datasheet HTML 3Page - Crydom Inc., DRA3R48E2 Datasheet HTML 4Page - Crydom Inc., DRA3R48E2 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
DRA3R48Dx
DRA3R48Ex
DRA3R48Cx
DRA3R48Bx
DRA3R48Ax
Control Voltage Range
4-6 VDC
18-28 VDC
36-60 VAC
90-140 VAC
200-265 VAC
Minimum Turn-On Voltage
4 VDC
18 VDC
36 VAC
90 VAC
200 VAC
Minimum Turn-Off Voltage
2 VDC
4 VDC
10 VAC
20 VAC
100 VAC
Minimum Input Current [mA]
15
15
6
5
5.5
Maximum Input Current [mA]
30
18
10
8
7.7
Maximum Turn-On Time [msec]
120
120
130
130
130
Nominal Input Impedance [ohms]
Current Regulated
Current Regulated
4.8K
16.4K
36K
Maximum Turn-Off Time [msec]
10
10
20
20
20
Min/Max stranded/solid wire [AWG]
24/12
24/12
24/12
24/12
24/12
Min/Max stranded/solid wire [IEC mm²]
0.5-2.5
0.5-2.5
0.5-2.5
0.5-2.5
0.5-2.5
Control Terminal Screw Torque Range:
4.3 in lb (0.485 Nm)
4.3 in lb (0.485 Nm)
4.3 in lb (0.485 Nm)
4.3 in lb (0.485 Nm)
4.3 in lb (0.485 Nm)
GENERAL SPECIFICATIONS (1)
Description
Parameters
Maximum Capacitance, Input/Output
20 pF
Dielectric Strength, Input/Output (50/60Hz)
4000Vrms
Minimum Insulation Resistance (@ 500 V DC)
10
9 Ohms
Maximum Capacitance, Input/Output
20 pF
Ambient Operating Temperature Range
-20ºC to 60ºC
Ambient Storage Temperature Range
-30ºC to 85ºC
Weight (typical)
6.5 oz. (185g)
Housing Material (bottom cover)
PVC Class V0 (UL94)
Housing Material (end pieces)
Polyamide Class V0 (UL94)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Mounted in the Vertical position
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
MECHANICAL SPECIFICATIONS


Similar Part No. - DRA3R48E2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA3R48E2 CRYDOM-DRA3R48E2 Datasheet
778Kb / 5P
   DIN Rail Mount Contactor
More results

Similar Description - DRA3R48E2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA4D100D12 CRYDOM-DRA4D100D12 Datasheet
937Kb / 5P
   DIN Rail Mount Contactor
DRA3R CRYDOM-DRA3R Datasheet
778Kb / 5P
   DIN Rail Mount Contactor
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com