Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PSB850K2G Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part No. 104PSB850K2G
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PSB850K2G Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  104PSB850K2G Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 5Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 6Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.15
850
154PSB850K2G
850
6.5
7.5
26.5x20x11
22.5
0.8
2
0.15
1000 154PSB102K2G
1000
7
7.3
26.5x22x13
22.5
0.8
2
0.15
1000 154PSB102K2H
850
6.5
8.2
32x20x11
27.5
0.8
2
0.15
1200 154PSB122K2H
1100
7.5
7.6
32x22x13
27.5
1
2
0.15
1500 154PSB152K2H
1225
8.5
7.1
32x24.5x15
27.5
1
2
0.15
2000 154PSB202K2H
1750
11
6.5
32x33x18
27.5
1.2
2
0.15
2000 154PSB202K2J
1000
9.5
8.1
42.5x28x17
37.5
1.2
2
0.15
2000 154PSB202K4H
1750
12.5
5.8
32x33x18
27.5
1.2
10.2
4
0.15
2500 154PSB252K2J
1350
10.5
7.9
42.5x30x22
37.5
1.2
2
0.15
3000 154PSB302K2J
1600
13
6.7
42.5x37x28
37.5
1.2
2
0.15
3000 154RSB302K2H
3350
10
9.1
32x37x22
27.5
1.2
2
0.15
3000 154PSB302K4J
1600
15
6
42.5x37x28
37.5
1.2
20.3
4
0.22
700
224PSB700K2G
600
6.5
7
26.5x20x11
22.5
0.8
2
0.22
700
224PSB700K2H
485
6.5
8
32x20x11
27.5
0.8
2
0.22
850
224PSB850K2H
700
8
6.4
32x22x13
27.5
1
2
0.22
1000 224PSB102K2H
1300
8.5
5.7
32x22x13
27.5
1
2
0.22
1200 224PSB122K2H
1100
9.5
5.4
32x24.5x15
27.5
1
2
0.22
1500 224PSB152K4H
1225
14
4.4
32x33x18
27.5
1.2
10.2
4
0.22
1500 224PSB152K2H
1225
12.5
5.1
32x33x18
27.5
1.2
2
0.22
1500 224PSB152K2J
800
10.5
6.9
42.5x28x17
37.5
1.2
2
0.22
2000 224RSB202K2H
1900
11
8.1
32x33x18
27.5
1.2
2
0.22
2000 224PSB202K2J
1000
12
5.9
42.5x30x22
37.5
1.2
2
0.22
2000 224PSB202K2H
1750
14
5.2
32x37x22
27.5
1.2
2
0.22
2000 224PSB202K4H
1750
16
4.5
32x37x22
27.5
1.2
10.2
4
0.22
2500 224PSB252K4J
1350
16
5.3
42.5x37x28
37.5
1.2
4
0.22
2500 224PSB252K2J
1350
14
6
42.5x37x28
37.5
1.2
2
0.22
3000 224PSB302K2J
1600
14
5.1
42.5x45x30
37.5
1.2
2
0.22
3000 224RSB302K2J
2050
10
8.3
42.5x37x28
37.5
1.2
2
0.22
3000 224PSB302K4J
1600
18.5
4.4
42.5x45x30
37.5
1.2
20.3
4
0.33
700
334PSB700K2H
485
8.5
6
32x22x13
27.5
1
2
0.33
850
334PSB850K2H
700
10
4.9
32x24.5x15
27.5
1
2
0.33
1000 334PSB102K2H
1300
12
4.5
32x28x14
27.5
1.2
2
0.33
1200 334PSB122K4H
1100
15.5
3.6
32x33x18
27.5
1.2
multi
0.33
1200 334PSB122K2H
1100
13.5
4.3
32x33x18
27.5
1.2
2
0.33
1200 334PSB122K2J
650
11.5
5.9
42.5x28x17
37.5
1.2
2
0.33
1500 334PSB152K4H
1225
18
3.4
32x37x22
27.5
1.2
10.2
4
0.33
1500 334PSB152K2J
800
12.5
5.4
42.5x30x22
37.5
1.2
2
0.33
1500 334PSB152K2H
1225
14
4.1
32x37x22
27.5
1.2
2
0.33
2000 334PSB202K2J
1000
14
4.9
42.5x37x28
37.5
1.2
2
0.33
2000 334RSB202K2J
1220
11
7.4
42.5x30x22
37.5
1.2
2
0.33
2000 334PSB202K4J
1000
17.5
4.2
42.5x37x28
37.5
1.2
10.2
4
0.33
2500 334PSB252K4J
1350
19.5
3.9
42.5x45x30
37.5
1.2
4
0.33
2500 334PSB252K2J
1350
14
4.6
42.5x45x30
37.5
1.2
2
0.33
3000 334PSB302K2R
875
14
5.1
57.5x45x30
52.5
1.2
2
0.33
3000 334RSB302K2J
2050
14
6.7
42.5x45x30
37.5
1.2
2
0.33
3000 334PSB302K4R
875
20.5
4.4
57.5x45x30
52.5
1.2
20.3
4
0.33
3000 334RSB302K4J
2050
15.5
6
42.5x45x30
37.5
1.2
10.2
4
0.39
2500 394PSB252K4J
1350
22
3.5
42.5x45x30
37.5
1.2
4
0.39
2500 394PSB252K2J
1350
14
4.4
42.5x45x30
37.5
1.2
2
0.47
700
474PSB700K2H
485
10
4.8
32x24.5x15
27.5
1
2
0.47
850
474PSB850K2H
700
14
3.9
32x33x18
27.5
1.2
2
0.47
1000 474PSB102K4H
850
17
3
32x33x18
27.5
1.2
10.2
multi
0.47
1000 474PSB102K2H
850
14
3.7
32x33x18
27.5
1.2
2
0.47
1000 474PSB102K2J
570
12
4.7
42.5x28x17
37.5
1.2
2
0.47
1200 474PSB122K2H
1100
14
3.4
32x37x22
27.5
1.2
2
0.47
1200 474PSB122K2J
650
13.5
4.8
42.5x30x22
37.5
1.2
2
0.47
1200 474PSB122K4H
1100
20.5
2.7
32x37x22
27.5
1.2
multi
0.47
1500 474PSB152K2J
800
14
4.5
42.5x37x28
37.5
1.2
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn