Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PSB850K2G Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part No. 104PSB850K2G
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PSB850K2G Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  104PSB850K2G Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 5Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 6Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
2.2
1200 225RSB122K2R
500
14
4.4
57.5x45x30
52.5
1.2
2
2.2
1200 225PSB122K4R
350
27
2.4
57.5x50x35
52.5
1.2
20.3
multi
2.2
1200 225PSB122K6R
350
31
2.3
57.5x50x35
52.5
1.2
10.2
multi
2.2
1200 225PSB122K2R
350
14
3
57.5x50x35
52.5
1.2
2
2.2
1200 225RSB122K4R
500
22
3.7
57.5x45x30
52.5
1.2
10.2
4
2.5
850
255PSB850K2R
275
14
2.9
57.5x45x30
52.5
1.2
2
2.5
850
255PSB850K4R
275
27
2.2
57.5x45x30
52.5
1.2
20.3
multi
2.5
850
255PSB850K6R
275
27.5
2.3
57.5x45x30
52.5
1.2
10.2
multi
2.5
1200 255PSB122K4R
350
27
2.2
57.5x50x35
52.5
1.2
20.3
multi
2.5
1200 255PSB122K6R
350
32
2.1
57.5x50x35
52.5
1.2
10.2
multi
2.5
1200 255RSB122K2R
500
14
4.2
57.5x45x30
52.5
1.2
2
2.5
1200 255RSB122K4R
500
23
3.5
57.5x45x30
52.5
1.2
20.3
4
2.5
1200 255PSB122K2R
350
14
2.8
57.5x50x35
52.5
1.2
2
3
700
305PSB700K6J
325
29
1.9
42.5x45x30
37.5
1.2
10.2
6
3
700
305PSB700K4J
325
27
2
42.5x45x30
37.5
1.2
20.3
4
3
700
305PSB700K2J
325
14
2.7
42.5x45x30
37.5
1.2
2
3
850
305PSB850K4R
275
27
2.3
57.5x45x30
52.5
1.2
20.3
multi
3
850
305PSB850K6R
275
29
2.2
57.5x45x30
52.5
1.2
10.2
multi
3
850
305PSB850K2R
275
14
3
57.5x45x30
52.5
1.2
2
3
1000 305PSB102K2R
320
14
2.9
57.5x50x35
52.5
1.2
2
3
1000 305RSB102K4R
450
23.5
3.2
57.5x45x30
37.5
1.2
20.3
4
3
1000 305PSB102K4R
320
27
2.2
57.5x50x35
52.5
1.2
20.3
multi
3
1000 305PSB102K6R
320
31.5
2.1
57.5x50x35
52.5
1.2
10.2
multi
3
1000 305RSB102K2R
450
14
4.4
57.5x45x30
37.5
1.2
2
3.3
700
335PSB700K2J
325
14
2.7
42.5x45x30
37.5
1.2
2
3.3
700
335PSB700K6J
325
29.5
1.9
42.5x45x30
37.5
1.2
10.2
6
3.3
700
335PSB700K4J
325
27
2
42.5x45x30
37.5
1.2
20.3
4
3.3
850
335PSB850K2R
275
14
2.6
57.5x45x30
52.5
1.2
2
3.3
850
335PSB850K4R
275
27
2
57.5x45x30
52.5
1.2
20.3
multi
3.3
850
335PSB850K6R
275
30
2.1
57.5x45x30
52.5
1.2
10.2
multi
3.3
1000 335PSB102K4R
320
27
2.1
57.5x50x35
52.5
1.2
20.3
multi
3.3
1000 335PSB102K6R
320
32.5
2
57.5x50x35
52.5
1.2
10.2
multi
3.3
1000 335RSB102K2R
450
14
3.8
57.5x45x30
52.5
1.2
2
3.3
1000 335PSB102K2R
320
14
2.8
57.5x50x35
52.5
1.2
2
3.3
1000 355RSB102K4R
450
24
3.1
57.5x45x30
52.5
1.2
20.3
4
3.3
1200 335RSB122K4R
500
27
3
57.5x50x35
52.5
1.2
20.3
4
3.3
1200 335RSB122K2R
500
14
3.7
57.5x50x35
52.5
1.2
2
4
700
405PSB700K2R
200
14
3.1
57.5x45x30
52.5
1.2
2
4
700
405PSB700K6R
200
27
2.4
57.5x45x30
52.5
1.2
10.2
6
4
700
405PSB700K4R
200
27
3.1
57.5x45x30
52.5
1.2
20.3
4
4
850
405PSB850K2R
275
14
2.6
57.5x50x35
52.5
1.2
2
4
850
405PSB850K4R
275
27
2
57.5x50x35
52.5
1.2
20.3
multi
4
850
405PSB850K6R
275
32.5
1.9
57.5x50x35
52.5
1.2
10.2
multi
4
1000 405RSB102K2R
450
14
3.5
57.5x50x35
52.5
1.2
2
4
1000 405RSB102K4R
450
27
2.8
57.5x50x35
52.5
1.2
20.3
4
4.7
700
475PSB700K6R
200
30
2.1
57.5x50x35
52.5
1.2
10.2
6
4.7
700
475PSB700K4R
200
27
2.2
57.5x50x35
52.5
1.2
20.3
4
4.7
700
475PSB700K2R
200
14
2.9
57.5x50x35
52.5
1.2
2
4.7
850
475PSB850K2R
450
14
2.4
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K2R
450
14
3.3
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K4R
450
27
2.7
57.5x50x35
52.5
1.2
20.3
4
5
700
505PSB700K4R
200
27
2.2
57.5x50x35
52.5
1.2
20.3
4
5
700
505PSB700K6R
200
30.5
2.1
57.5x50x35
52.5
1.2
10.2
6
5
700
505PSB700K2R
200
14
2.9
57.5x50x35
52.5
1.2
2
5.6
700
565PSB700K2R
200
14
2.6
57.5x50x35
52.5
1.2
2
5.6
700
565PSB700K6R
200
32
1.8
57.5x50x35
52.5
1.2
10.2
6
5.6
700
565PSB700K4R
200
27
1.9
57.5x50x35
52.5
1.2
20.3
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn