Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PSB850K2G Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part No. 104PSB850K2G
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PSB850K2G Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  104PSB850K2G Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 5Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 6Page - Illinois Capacitor, Inc. 104PSB850K2G Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
1
2000 105RSB202K2J
1220
14
4.5
42.5x45x30
37.5
1.2
2
1
2000 105PSB202K4R
580
27
2.9
57.5x50x35
52.5
1.2
20.3
4
1
2000 105PSB202K6R
580
27
2.9
57.5x50x35
52.5
1.2
10.2
6
1
2000 105RSB202K4J
1220
21.5
3.8
42.5x45x30
37.5
1.2
20.3
4
1.2
1200 125RSB122K4J
870
19
3.7
42.5x37x28
37.5
1.2
10.2
4
1.2
1200 125PSB122K2J
650
14
3.2
42.5x45x30
37.5
1.2
2
1.2
1200 125RSB122K2J
870
14
4.4
42.5x37x28
37.5
1.2
2
1.2
1200 125PSB122K4J
650
25
2.5
42.5x45x30
37.5
1.2
20.3
multi
1.2
1500 125PSB152K2R
500
14
3.6
57.5x45x30
52.5
1.2
2
1.2
1500 125PSB152K6R
500
25
2.9
57.5x45x30
52.5
1.2
10.2
6
1.2
1500 125PSB152K4R
500
25
2.9
57.5x45x30
52.5
1.2
20.3
4
1.2
2000 125PSB202K4R
580
27
2.6
57.5x50x35
52.5
1.2
20.3
4
1.2
2000 125PSB202K6R
580
29.5
2.5
57.5x50x35
52.5
1.2
10.2
6
1.2
2000 125RSB202K4R
870
21.5
4.1
57.5x45x30
52.5
1.2
20.3
4
1.2
2000 125PSB202K2R
580
14
3.3
57.5x50x35
52.5
1.2
2
1.2
2000 125RSB202K2R
870
14
4.8
57.5x45x30
52.5
1.2
2
1.5
700
155PSB700K2J
325
14
3.6
42.5x30x22
37.5
1.2
2
1.5
850
155PSB850K2J
400
14
2.9
42.5x37x28
37.5
1.2
2
1.5
850
155PSB850K4J
750
24
2.3
42.5x37x28
37.5
1.2
20.3
4
1.5
1000 155PSB102K2J
570
14
3
42.5x45x30
37.5
1.2
2
1.5
1000 155RSB102K4J
750
19.5
3.3
42.5x37x28
37.5
1.2
10.2
4
1.5
1000 155RSB102K2J
750
14
4
42.5x37x28
37.5
1.2
2
1.5
1000 155PSB102K4J
570
26
2.3
42.5x45x30
37.5
1.2
20.3
multi
1.5
1000 155PSB102K6J
570
26.5
2.3
42.5x45x30
37.5
1.2
10.2
multi
1.5
1200 155PSB122K4J
650
27
2.2
42.5x45x30
37.5
1.2
20.3
multi
1.5
1200 155PSB122K6J
650
25
2.1
42.5x45x30
37.5
1.2
10.2
multi
1.5
1200 155PSB122K2J
650
14
2.9
42.5x45x30
37.5
1.2
2
1.5
1500 155PSB152K4R
500
27
2.6
57.5x50x35
52.5
1.2
20.3
4
1.5
1500 155PSB152K6R
500
28
2.6
57.5x50x35
52.5
1.2
10.2
6
1.5
1500 155PSB152K2R
500
14
3.3
57.5x50x35
52.5
1.2
2
1.5
2000 155RSB202K2R
725
14
4.4
57.5x50x35
52.5
1.2
2
1.5
2000 155RSB202K4R
725
24.5
3.7
57.5x50x35
52.5
1.2
20.3
4
1.8
1500 185PSB152K6R
500
30.5
2.3
57.5x50x35
52.5
1.2
10.2
6
1.8
1500 185PSB152K4R
500
27
2.4
57.5x50x35
52.5
1.2
20.3
4
1.8
1500 185PSB152K2R
500
14
3.1
57.5x50x35
52.5
1.2
2
2
700
205PSB700K2J
325
14
3.2
42.5x37x28
37.5
1.2
2
2
700
205PSB700K4J
325
22.5
2.5
42.5x37x28
37.5
1.2
10.2
4
2
850
205PSB850K6J
400
29
2
42.5x45x30
37.5
1.2
10.2
6
2
850
205PSB850K4J
400
27
2.1
42.5x45x30
37.5
1.2
20.3
4
2
850
205PSB850K2J
400
14
2.7
42.5x45x30
37.5
1.2
2
2
1000 205PSB102K2R
320
14
3.4
57.5x45x30
52.5
1.2
2
2
1000 205RSB102K4J
750
23
3.2
42.5x45x30
37.5
1.2
20.3
4
2
1000 205RSB102K2J
750
14
3.9
42.5x45x30
37.5
1.2
2
2
1000 205PSB102K4R
320
26
2.7
57.5x45x30
52.5
1.2
20.3
multi
2
1000 205PSB102K6R
320
26
2.6
57.5x45x30
52.5
1.2
10.2
multi
2
1200 205PSB122K4R
350
26.5
2.5
57.5x45x30
52.5
1.2
20.3
multi
2
1200 205PSB122K6R
350
29
2.4
57.5x45x30
52.5
1.2
10.2
multi
2
1200 205PSB122K2R
350
14
3.2
57.5x45x30
52.5
1.2
2
2.2
700
225PSB700K4J
325
23
2.4
42.5x37x28
37.5
1.2
20.3
4
2.2
700
225PSB700K2J
325
14
3.1
42.5x37x28
37.5
1.2
2
2.2
850
225PSB850K6J
400
30
2
42.5x45x30
37.5
1.2
10.2
6
2.2
850
225PSB850K2J
400
14
2.7
42.5x45x30
37.5
1.2
2
2.2
850
225PSB850K4J
400
27
2.1
42.5x45x30
37.5
1.2
20.3
4
2.2
1000 225RSB102K4J
750
24
3.1
42.5x45x30
37.5
1.2
20.3
4
2.2
1000 225PSB102K2R
320
14
3.3
57.5x45x30
52.5
1.2
2
2.2
1000 225PSB102K4R
320
26
2.6
57.5x45x30
52.5
1.2
20.3
multi
2.2
1000 225PSB102K6R
320
26.5
2.5
57.5x45x30
52.5
1.2
10.2
multi
2.2
1000 225RSB102K2J
750
14
3.8
42.5x45x30
37.5
1.2
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn