Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX241R Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CX241R
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CX241R Datasheet(HTML) 1 Page - Crydom Inc.,

  CX241R Datasheet HTML 1Page - Crydom Inc., CX241R Datasheet HTML 2Page - Crydom Inc., CX241R Datasheet HTML 3Page - Crydom Inc., CX241R Datasheet HTML 4Page - Crydom Inc., CX241R Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CX241 Series
• SIP SSR
• Ratings to 1.5A @ 280 VAC
• SCR output
• DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
Zero Crossing
Random Fire
4-10 VDC
CX241
CX241R
OUTPUT SPECIFICATIONS (1)
Description
CX241
CX241R
Operating Voltage (47-63Hz) [Vrms]
12-280
12-280
Transient Overvoltage [Vpk]
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
Maximum Load Current [Arms](3)
1.5
1.5
Minimum Load Current [Arms]
0.025
0.025
Maximum Surge Current (16.6ms) [Apk]
40
40
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.5
1.5
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
CX241
CX241R
Control Voltage Range
4-10 VDC
4-10 VDC
Must Turn On Voltage
4.0 VDC
4.0 VDC
Must Turn Off Voltage
1.0 VDC
1.0 VDC
Typycal Input Current @ 5 VDC
15 mAdc
15 mAdc
Nominal Input Impedance
300 Ohm
300 Ohm
Maximum Turn-On Time [msec]
1/2 Cycle
0.1 msec
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)(2)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC) (2)
10
9 Ohm
Maximum Capacitance, Input/Output
8.0 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
Weight (typical)
0.4 oz. (11 g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Dielectric and insulation resistence are measured between input and output
3) Off-State dv/dt test method per EIA/NARM standard RS-443


Similar Part No. - CX241R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX241R ETC-CX241R Datasheet
91Kb / 1P
   1.5Amp 120/240Vac AC Output Low Profile SIP
logo
Crydom Inc.,
CX241R CRYDOM-CX241R Datasheet
485Kb / 4P
   PCB Mount
CX241R CRYDOM-CX241R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - CX241R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com