Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUS3A40PZTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLUS3A40PZTAG
Description  Power MOSFET 20 V, 9.4Cool Single P Channel ESD 2.0x2.0x0.55 mm UDFNPackage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS3A40PZTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NTLUS3A40PZTAG Datasheet HTML 1Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 2Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 3Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 4Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 5Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTLUS3A40PZ
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Units
Junction-to-Ambient – Steady State (Note 3)
RθJA
72
°C/W
Junction-to-Ambient – t ≤ 5 s (Note 3)
RθJA
33
Junction-to-Ambient – Steady State min Pad (Note 4)
RθJA
189
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, ref to 25°C
−5.0
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −20 V
TJ = 25°C
−1.0
mA
TJ = 85°C
−10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±10
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−1.0
V
Negative Threshold Temp. Coefficient
VGS(TH)/TJ
3.0
mV/°C
Drain-to-Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −6.4 A
23
29
mW
VGS = −2.5 V, ID = −4.8 A
31
39
VGS = −1.8 V, ID = −2.5 A
43
60
VGS = −1.5 V, ID = −1.5 A
60
120
Forward Transconductance
gFS
VDS = −15 V, ID = −4.0 A
18
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = −15 V
2600
pF
Output Capacitance
COSS
200
Reverse Transfer Capacitance
CRSS
190
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −15 V;
ID = −4.0 A
29
nC
Threshold Gate Charge
QG(TH)
1.4
Gate-to-Source Charge
QGS
3.7
Gate-to-Drain Charge
QGD
8.1
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 6)
Turn-On Delay Time
td(ON)
VGS = −4.5 V, VDD = −15 V,
ID = −4.0 A, RG = 1 W
9.0
ns
Rise Time
tr
18
Turn-Off Delay Time
td(OFF)
126
Fall Time
tf
71
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −1.0 A
TJ = 25°C
0.65
1.0
V
TJ = 125°C
0.55
Reverse Recovery Time
tRR
VGS = 0 V, dis/dt = 100 A/ms,
IS = −1.0 A
25
ns
Charge Time
ta
10
Discharge Time
tb
15
Reverse Recovery Charge
QRR
13.6
nC
3. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface-mounted on FR4 board using the minimum recommended pad size of 30 mm2, 2 oz. Cu.
5. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTLUS3A40PZTAG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTLUS3A40PZTAG VBSEMI-NTLUS3A40PZTAG Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTLUS3A40PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
   MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
   ??0 V, ??.2 A, Single P?묬hannel, 2.0x2.0x0.55 mm Cool UDFN Package
July, 2012 ??Rev. 3
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com