Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0320MW2T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR0320MW2T3G
Description  Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR0320MW2T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NSR0320MW2T3G Datasheet HTML 1Page - ON Semiconductor NSR0320MW2T3G Datasheet HTML 2Page - ON Semiconductor NSR0320MW2T3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSR0320MW2T1G, NSVR0320MW2T1G, NSR0320MW2T3G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Total Capacitance (VR = 5.0 V, f = 1.0 MHz)
CT
25
29
pF
Reverse Leakage (VR = 15 V)
IR
10
50
mA
Reverse Leakage (VR = 2.0 V @ 85C)
IR
200
300
mA
Reverse Leakage (VR = 15.0 V @ 85C)
IR
450
1000
mA
Forward Voltage (IF = 10 mA)
VF
0.24
0.27
V
Forward Voltage (IF = 100 mA)
VF
0.30
0.35
V
Forward Voltage (IF = 900 mA)
VF
0.45
0.50
V
1
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VF, FORWARD VOLTAGE (V)
Figure 1. Forward Voltage
1
10
100
1000
10000
0
5
10
15
20
25
VR, REVERSE VOLTAGE (V)
Figure 2. Leakage Current
150C
85C
−45C
−55C
25C
150C
85C
25C
125C
0
20
40
60
80
100
120
140
0
5
10
15
20
VR, REVERSE VOLTAGE (V)
Figure 3. Total Capacitance


Similar Part No. - NSR0320MW2T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0320MW2T3G ONSEMI-NSR0320MW2T3G Datasheet
44Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
NSR0320MW2T3G ONSEMI-NSR0320MW2T3G Datasheet
87Kb / 3P
   Schottky Barrier Diodes
September, 2010 ??Rev. 3
More results

Similar Description - NSR0320MW2T3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com