Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLASB3157DFT2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLASB3157DFT2G
Description  The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLASB3157DFT2G Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 9Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NLASB3157
http://onsemi.com
7
tW
VCC
GND
VOH
VOL
50%
10%
10%
50%
50%
90%
90%
tf = 2.5 ns
tr = 2.5 ns
SWITCH
INPUT
OUTPUT
50%
tPHL
tPLH
VCC
GND
VTRI
50%
10%
10%
50%
50%
90%
90%
tf = 2.5 ns
tr = 2.5 ns
SELECT
INPUT
OUTPUT
tPZL
VTRI
OUTPUT
50%
tPZH
VOL
VOH
tPHZ
tPLZ
VOL + 0.3 V
VOH − 0.3 V
NOTE: Input driven by 50 W source terminated in 50 W
NOTE: CL includes load and stray capacitance
NOTE: Input PRR = 1.0 MHz; tW = 500 ns
VI
RD
RU
CL
FROM
OUTPUT
UNDER
TEST
Figure 2. AC Test Circuit
Figure 3. AC Waveforms
Figure 4. Break Before Make Interval Timing
LOGIC
INPUT
VOUT
tD
0.9 × VOUT
RL
CL
VOUT
VIN
LOGIC
INPUT
A
S
B0
B1
AC LOADING AND WAVEFORMS


Similar Part No. - NLASB3157DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
98Kb / 10P
   SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
More results

Similar Description - NLASB3157DFT2G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
NT511740C5J ETC1-NT511740C5J Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J ETC1-NT511740D0J Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
logo
Torex Semiconductor
XC74UL02AA TOREX-XC74UL02AA Datasheet
102Kb / 3P
   The XC74UL02AA is a 2-input CMOS NOR gate, manufactured using silicon gate CMOS fabrication.
logo
Rohm
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
logo
SG Micro Corp
SGM4583 SGMICRO-SGM4583 Datasheet
369Kb / 17P
   CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com