Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7608 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7608
Description  Octal Configurable Low/High Side Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7608 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7608 Datasheet HTML 4Page - ON Semiconductor NCV7608 Datasheet HTML 5Page - ON Semiconductor NCV7608 Datasheet HTML 6Page - ON Semiconductor NCV7608 Datasheet HTML 7Page - ON Semiconductor NCV7608 Datasheet HTML 8Page - ON Semiconductor NCV7608 Datasheet HTML 9Page - ON Semiconductor NCV7608 Datasheet HTML 10Page - ON Semiconductor NCV7608 Datasheet HTML 11Page - ON Semiconductor NCV7608 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NCV7608
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (−40°C < TJ < 150°C, 5.5 V < VS < 28 V, 3.15 V < VCC < 5.25 V, EN = VCC, unless otherwise
specified)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
OUTPUT CLAMPS
Output clamp Voltage
Drain with respect to Source
VOCLS
I(Dx) = 50 mA
Source = GND
34
48
V
Output clamp Voltage
Source with respect to GND
VOCHS
I(Sx) = −50 mA, VS = 14 V
−29
−22
−16
V
POWER OUTPUTS, AC CHARACTERISTICS
Low Side Rise Time
T_LSr
8 V < VS < 16 V
Rload = 70 W
10/90% criteria, Figure 5
12
50
ms
Low Side Fall Time
T_LSf
8 V < VS < 16 V
Rload = 70 W
10/90% criteria, Figure 4
12
50
ms
High side Rise Time
T_HSr
8 V < VS < 16 V
Rload = 70 W
10/90% criteria, Figure 4
12
50
ms
High side Fall Time
T_HSf
8 V < VS < 16 V
Rload = 70 W
10/90% criteria, Figure 5
12
50
ms
Serial Control
Output turn−on time (High side
and Low−side configuration)
TDONs
8 V < VS < 16 V
CSB going high (at 90%)
to Vfinal going high (at 10%)
or Vfinal going low (at 90%)
Rload = 70 W, Figure 4
1
50
ms
Serial Control
Output turn−off time (High side
and Low−side configuration)
TDOFFs
8 V < VS < 16 V
CSB going high (at 90%)
to Vfinal going low (at 90%)
or Vfinal going high (at 10%)
Rload = 70 W, Figure 5
1
100
ms
Parallel Control
Output turn−on time (High side
and Low−side configuration)
TDONp
8 V < VS < 16 V
Inx going high (at 90%)
to Vfinal going high (at 10%)
or Vfinal going low (at 90%)
Rload = 70 W, Figure 6
1
50
ms
Parallel Control
Output turn−off time (High side
and Low−side configuration)
TDOFFp
8 V < VS < 16 V
Inx going low (at 10%)
to Vfinal going low (at 90%)
or Vfinal going high (at 10%)
Rload = 70 W, Figure 7
1
100
ms


Similar Part No. - NCV7608

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7608 ONSEMI-NCV7608 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
NCV7608DQR2G ONSEMI-NCV7608DQR2G Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
NCV7608DWR2G ONSEMI-NCV7608DWR2G Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
More results

Similar Description - NCV7608

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
logo
Maxim Integrated Produc...
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
   Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9733 STMICROELECTRONICS-L9733 Datasheet
559Kb / 33P
   Octal self configuring Low/High side driver
L9733CNTR STMICROELECTRONICS-L9733CNTR Datasheet
447Kb / 34P
   Octal self configuring low/high side driver
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com