Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP367DPMEBTBG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP367DPMEBTBG
Description  Battery Charge Front-End Protection, USB and AC/DC Supply Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP367DPMEBTBG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP367DPMEBTBG Datasheet HTML 5Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 6Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 7Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 8Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 9Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 10Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 11Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 12Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NCP367
http://onsemi.com
9
APPLICATION INFORMATION
Operation
The NCP367 is an integrated IC which offers a complete
protection of the portable devices during the Li ion battery
charge.
First, the input pin is protected up to +30 V, protecting
the down stream system (charger, transceiver, system...)
against the power supply transients such as inrush current
or defective functionality. Additional protection level is
offered with the overcurrent block which eliminates
current peak or opens the charge path if an overcurrent
default appears.
More of that, the battery voltage is monitored all along
the input power supply is connected, allowing to open
charge path if Li ion battery voltage exceeds 4.3 V, caused
by CCCV charger or battery pack fault.
The integrated pass element (PMOS FET) is sized to
support very high charge DC current up to 2.3 A. The
overcurrent threshold can be externally adjusted with a
pull−down resistor and gain select pin is available to divide
current limit threshold with internal fixed gain. Allowing
to adjust with logic pin the overcurrent threshold if
USB/500 mA or WA/1.5 A is detected, without changing
RILIM resistor, in example.
Undervoltage, Overvoltage, Overcurrent and thermal
faults are signalized thanks to the open drain FLAG pin, by
pulling its down.
Undervoltage Lockout (UVLO)
To ensure proper operation under any conditions, the
device has a built−in undervoltage lock out (UVLO)
circuit. During Vin positive going slope, the output remains
disconnected from input until Vin voltage is above 1.85 V
plus hysteresis nominal. This circuit has a 80 mV
hysteresis to provide noise immunity to transient condition.
Overvoltage Lockout (OVLO)
To protect connected systems on Vout pin from
overvoltage, the device has a built−in overvoltage lock out
(OVLO) circuit. During overvoltage condition, the output
remains disabled as long as the input voltage exceeds this
threshold.
FLAG output is tied to low as long as Vin is higher than
OVLO. This circuit has a 100 mV hysteresis to provide
noise immunity to transient conditions.
FLAG Output
NCP367 provides a FLAG output, which alerts external
systems that a fault has occurred.
This pin is tied to low as soon as the OVLO, OVBAT, IOCP
or internal temperature thresholds are exceeded and
remains low until between minimum driving voltage and
UVLO threshold. When Vin level recovers normal
condition, FLAG is held high. The pin is an open drain
output, thus a pull up resistor (typically 1 M
W − Minimum
10 k
W) must be provided to VCC. FLAG pin is an open drain
output, which is able to support 1 mA maximum.
EN Input
To enable normal operation, the EN pin shall be forced
to low or connected to ground. A high level on the pin,
disconnects OUT pin from IN pin. EN does not overdrive
a UVLO or OVLO fault.
Overcurrent Protection (OCP)
This device integrates the overcurrent protection
function, from wall adapter to battery. That means the
current across the internal PMOS is regulated and cut when
the value, set by external RSEL resistor, exceeds ILIM
longer than tREG.
An internal resistor is placed in series with the pin
allowing to have a maximum OCP value when ILIM pin is
directly connected to GND.
By adding external resistors in series with ILIM and GND,
the OCP value is decreased.
An additional logic pin, GS (gain select), is very useful
in case of different charge rate is necessary (Wall adapter
and USB, for example).
By setting GS to 0.4 V, overcurrent thresholds are
depending on R select resistor, which is connect between
pin 4 and GND. When the GS pin is tied to 1.2 V (high logic
level) the preselected current limit is divided by 2.75. Due


Similar Part No. - NCP367DPMEBTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367DPMEBTBG ONSEMI-NCP367DPMEBTBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
More results

Similar Description - NCP367DPMEBTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367 ONSEMI-NCP367_15 Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
   Battery Charge Front-End Full Protection
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com