Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5269 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP5269
Description  Synchronous Buck Controller with Auto Power Controller with Auto Power Inputs for System Agent
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5269 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP5269
http://onsemi.com
4
7
6
9
8
10
11
12
13
14
15
5
4
3
2
1
19
20
17
18
16
CSP
CSN
COMP
FB
PG
PGND
GH
BST
V1
V2
V3
AGND
FBRTN
VIN
Cin
Lo
Cout
Vout
R1
R2
C2
C1
C3
EN
VCC
5.0 V
VID1
VID0
PG
VCC
Rset1
Rset2
Rset3
Rset4
VCCP
5.0V
FBRTN
R3
R4
Figure 2. Application Circuit
CVCCP
CBOOT
CSS
VREF
SWN
VCCP
GL/FSET
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Value
VCC to AGND
−0.3 V (DC) to 6.5 V
FBRTN, PGND
−0.3 V to +0.3 V
SWN to PGND
−5.0 V to 28 V, −10.0 V for T < 100 ns
BST, GH to GND
−0.3 V to 34 V
BST to SWN, GH to SWN, VCC to PGND, DL to PGND
−0.3 V to 6.5 V
All other pins
−0.3 V to 6.5 V
Operating Temperature Range, TA
−40°C to +100°C
Junction Temperature, TJ
−40°C to +100°C
Storage Temperature Range, TS
−55°C to +150°C
Package Characteristic
Thermal Resistance from Junction−to−Ambient (TA = +25°C), Rthja
35 °C/W (Note 1)
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This data is for solder on 4−layer board with 2 oz. copper.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn