Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2191MBST-140 Datasheet(PDF) 34 Page - Analog Devices

Part # ADSP-2191MBST-140
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MBST-140 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADSP-2191MBST-140 Datasheet HTML 30Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 31Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 32Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 33Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 34Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 35Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 36Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 37Page - Analog Devices ADSP-2191MBST-140 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
ADSP-2191M
–34–
REV. 0
Serial Ports
Table 19 and Figure 18 describe SPORT transmit and receive operations, while Figure 19 and Figure 20 describe SPORT Frame
Sync operations.
Table 19. Serial Ports1, 2
1To determine whether communication is possible between two devices at clock speed n, the following specifications must be confirmed: 1) frame sync delay
and frame sync setup-and-hold, 2) data delay and data setup-and-hold, and 3) SCLK width.
2Word selected timing for I2S mode is the same as TFS/RFS timing (normal framing only).
Parameter
Min
Max
Unit
External Clock
Timing Requirements
tSFSE
TFS/RFS Setup Before TCLK/RCLK3
3Referenced to sample edge.
4ns
tHFSE
TFS/RFS Hold After TCLK/RCLK3
4ns
tSDRE
Receive Data Setup Before RCLK3
1.5
ns
tHDRE
Receive Data Hold After RCLK3
4ns
tSCLKW
TCLK/RCLK Width
0.5tHCLK–1
ns
tSCLK
TCLK/RCLK Period
2tHCLK
ns
Internal Clock
Timing Requirements
tSFSI
TFS Setup Before TCLK4; RFS Setup Before RCLK3
4Referenced to drive edge.
4ns
tHFSI
TFS/RFS Hold After TCLK/RCLK3
3ns
tSDRI
Receive Data Setup Before RCLK
3
2ns
tHDRI
Receive Data Hold After RCLK
3
5ns
External or Internal Clock
Switching Characteristics
tDFSE
TFS/RFS Delay After TCLK/RCLK (Internally
Generated FS)4
14
ns
tHOFSE
TFS/RFS Hold After TCLK/RCLK (Internally
Generated FS)
4
3ns
External Clock
Switching Characteristics
tDDTE
Transmit Data Delay After TCLK
4
13.4
ns
tHDTE
Transmit Data Hold After TCLK4
4ns
Internal Clock
Switching Characteristics
tDDTI
Transmit Data Delay After TCLK4
13.4
ns
tHDTI
Transmit Data Hold After TCLK4
4ns
tSCLKIW
TCLK/RCLK Width
0.5tHCLK–3.5
0.5tHCLK+2.5
ns
Enable and Three-State
5
5Only applies to SPORT0/1.
Switching Characteristics
tDTENE
Data Enable from External TCLK
4
012.1
ns
tDDTTE
Data Disable from External TCLK
4
13
ns
tDTENI
Data Enable from Internal TCLK4
013
ns
tDDTTI
Data Disable from External TCLK4
12
ns
External Late Frame Sync
Switching Characteristics
tDDTLFSE
Data Delay from Late External TFS with MCE = 1, MFD = 06, 7
6MCE=1, TFS enable, and TFS valid follow t
DDTENFS and tDDTLFSE.
7If external RFSD/TFS setup to RCLK/TCLK>0.5t
LSCK, tDDTLSCK and tDTENLSCK apply; otherwise tDDTLFSE and tDTENLFS apply.
10.5
ns
tDTENLFSE
Data Enable from Late FS or MCE = 1, MFD = 06, 7
3.5
ns


Similar Part No. - ADSP-2191MBST-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MBST-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com