Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GRUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR293GRUZ-REEL7
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR293GRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADR293
Rev. D | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
5.006
5.004
5.002
5.000
4.998
4.996
4.994
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 6V
3 TYPICAL PARTS
Figure 3. VOUT vs. Temperature
16
14
12
10
8
6
4
2
0
0
2
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 4. Supply Current vs. Input Voltage
VS = 6V
16
14
12
10
8
6
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 5. Supply Current vs. Temperature
100
80
60
40
20
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 6V TO 15V
Figure 6. Line Regulation vs. Temperature
100
80
60
40
20
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 6V TO 9V
IOUT = 0mA
Figure 7. Line Regulation vs. Temperature
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOAD CURRENT (mA)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 8. Minimum Input/Output Voltage Differential vs. Load Current


Similar Part No. - ADR293GRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

Similar Description - ADR293GRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com