Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2191MKST-160 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-2191MKST-160
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKST-160 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-2191MKST-160 Datasheet HTML 28Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 29Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 30Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 31Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 32Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 33Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 34Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 35Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
ADSP-2191M
–32–
REV. 0
Host Port ACC Mode Read Cycle Timing
Table 18 and Figure 17 describe Host port read operations in Address Cycle Control (ACC) mode. For more information on ACK,
Ready, ALE, and ACC mode selection, see the Host port modes description on page 8.
Table 18. Host Port ACC Mode Read Cycle Timing
Parameter
Min
Max
Unit
Switching Characteristics
tRHKS1
HRD Asserted to HACK Asserted (ACK Mode) First Byte
12tHCLK
15tHCLK+tNH
1
1t
NH are peripheral bus latencies (n
tHCLK); these are internal DSP latencies related to the number of peripherals attempting to access DSP memory at
the same time.
ns
tRHKS2
HRD Asserted to HACK Asserted (Setup, ACK Mode)2
2Measurement is for the second, third, or fourth byte of a host read transaction. The quantity of bytes to complete a host read transaction is dependent on
the data bus size (8 or 16 bits) and the data type (16 or 24 bits).
10
ns
tRHKH
HRD Deasserted to HACK Deasserted (Hold, ACK Mode)
10
ns
tRHS
HRD Asserted to HACK Asserted (Setup, Ready Mode)
10
ns
tRHH
HRD Asserted to HACK Deasserted (Hold, Ready Mode)
First Byte
12tHCLK
15tHCLK+tNH
1
ns
tRDH
HRD Deasserted to Data Invalid (Hold)
1
ns
tWSHKS
HWR Asserted to HACK Asserted (Setup) During Address
Latch
10
ns
tWHHKH
HWR Deasserted to HACK Deasserted (Hold) During
Address Latch
10
ns
tRDD
HRD Deasserted to Data Disable
10
ns
Timing Requirements
tCSAL
HCMS or HCIOMS Asserted to HALE Asserted (Delay)
0ns
tALCS
HALE Deasserted to Optional
HCMS or HCIOMS
Deasserted
1ns
tRCSW
HRD Deasserted to HCMS or HCIOMS Deasserted
0
ns
tALW
HALE Asserted to HWR Asserted
0.5
ns
tALER
HALE Deasserted to HWR Asserted
1
ns
tCSR
HCMS or HCIOMS Asserted to HRD Asserted
0ns
tRCS
HRD Deasserted (After Last Byte) to HCMS or
HCIOMS Deasserted (Ready for Next Read)
0ns
tWAL
HWR Deasserted to HALE Deasserted (Delay)
2.5
ns
tHKRD
HACK Asserted to
HRD Deasserted (Hold, ACK Mode)
1.5
ns
tADW
Address Valid to
HWR Deasserted (Setup)
2
ns
tWAD
HWR Deasserted to Address Invalid (Hold)
1
ns
tHKWAL
HACK Asserted to
HWR Deasserted (Hold) During Address
Latch2
2ns


Similar Part No. - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MKST-160 AD-ADSP-2191MKST-160 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com