Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GRZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR293GRZ-REEL7
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR293GRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR293GRZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADR293
Rev. D | Page 11 of 12
APPLICATIONS
KELVIN CONNECTIONS
In many portable instrumentation applications where PC board
cost and area go hand-in-hand, circuit interconnects are very often
of dimensionally minimum width. These narrow lines can cause
large voltage drops if the voltage reference is required to provide
load currents to various functions. In fact, a circuit’s interconnects
can exhibit a typical line resistance of 0.45 mΩ/square (1 oz. Cu,
for example). Force and sense connections, also referred to as
Kelvin connections, offer a convenient method of eliminating
the effects of voltage drops in circuit wires. Load currents flowing
through wiring resistance produce an error (VERROR = R × IL) at
the load. However, the Kelvin connection in Figure 23 overcomes
the problem by including the wiring resistance within the forcing
loop of the op amp. Because the op amp senses the load voltage,
op amp loop control forces the output to compensate for the
wiring error and to produce the correct voltage at the load.
A1
1µF
100kΩ
+VOUT
SENSE
VIN
RLW
RL
RLW
+VOUT
FORCE
VOUT
GND
VIN
ADR293
2
6
4
Figure 23. Advantage of Kelvin Connection
VOLTAGE REGULATOR FOR PORTABLE
EQUIPMENT
The ADR293 is ideal for providing a stable, low cost, and low
power reference voltage in portable equipment power supplies.
Figure 24 shows how the ADR293 can be used in a voltage
regulator that not only has low output noise (as compared to
switch mode design) and low power, but also a very fast
recovery after current surges. Some precautions should be taken
in the selection of the output capacitors. Too high an ESR
(effective series resistance) could endanger the stability of the
circuit. A solid tantalum capacitor, 16 V or higher, and an
aluminum electrolytic capacitor, 10 V or higher, are recom-
mended for C1 and C2, respectively. In addition, the path from
the ground side of C1 and C2 to the ground side of R1 should
be kept as short as possible.
ADR293
VOUT
GND
VIN
0.1µF
LEAD-ACID
BATTERY
+
6V
CHARGER
INPUT
R1
402kΩ
1%
C1
68µF
TANT
C2
1000µF
ELECT
R2
402kΩ
1%
+
+
5V, 100mA
IRF9530
R3
510kΩ
OP20
2
6
2
7
6
4
3
4
Figure 24. Voltage Regulator for Portable Equipment


Similar Part No. - ADR293GRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com