Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293ERZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADR293ERZ-REEL
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293ERZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADR293ERZ-REEL Datasheet HTML 1Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 2Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 3Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 4Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 5Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 6Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 7Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 8Page - Analog Devices ADR293ERZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADR293
Rev. D | Page 4 of 12
VS = 6.0 V, TA = −40°C to +125°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
TCVOUT
IOUT = 0 mA
E Grade
3
10
ppm/°C
F Grade
5
20
ppm/°C
G Grade
10
30
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
6.0 V to 15 V, IOUT = 0 mA
E, F Grades
40
200
ppm/V
G Grade
70
250
ppm/V
LOAD REGULATION
ΔVOUT/ΔILOAD
VS = 6.0 V, IOUT = 0 mA to 5 mA
E, F Grades
20
200
ppm/mA
G Grade
30
300
ppm/mA
SUPPLY CURRENT
IS
@ 25°C
11
15
μA
15
20
μA
THERMAL HYSTERESIS
VOUT-HYS
8-lead SOIC_N
72
ppm
8-lead TSSOP
157
ppm


Similar Part No. - ADR293ERZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ER AD-ADR293ER Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293ER-REEL AD-ADR293ER-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293ER-REEL7 AD-ADR293ER-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

Similar Description - ADR293ERZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com