Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM3071EARZ Datasheet(PDF) 14 Page - Analog Devices

Part No. ADM3071EARZ
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADM3071EARZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3071EARZ Datasheet HTML 10Page - Analog Devices ADM3071EARZ Datasheet HTML 11Page - Analog Devices ADM3071EARZ Datasheet HTML 12Page - Analog Devices ADM3071EARZ Datasheet HTML 13Page - Analog Devices ADM3071EARZ Datasheet HTML 14Page - Analog Devices ADM3071EARZ Datasheet HTML 15Page - Analog Devices ADM3071EARZ Datasheet HTML 16Page - Analog Devices ADM3071EARZ Datasheet HTML 17Page - Analog Devices ADM3071EARZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 14 of 20
CH3 2.0V
8ns/pt
MATH1 2.01V
400ns
M400s 125MS/s
A CH2
1.24V
3
M1
VY – VZ
DI
35
0
–50
125
TEMPERATURE (°C)
30
25
20
15
10
5
–25
0
25
50
75
100
tDPLH
tDPHL
Figure 30. ADM3073E/ADM3074E/ADM3075E Driver
Propagation Delay (500 kbps)
Figure 27. ADM3076E/ADM3077E/ADM3078E Driver
Propagation Delay vs. Temperature (16 Mbps)
CH3 2.0V
IT 400ps/pt
MATH1 1.0V
20ns
M20ns 1.25GS/s
A CH3
1.64V
3
M1
DI
VY – VZ
70
0
–50
125
TEMPERATURE (°C)
60
50
40
30
20
10
–25
0
25
50
75
100
tDPHL
tDPLH
Figure 31. ADM3076E/ADM3077E/ADM3078E Driver
Propagation Delay (16 Mbps)
Figure 28. Receiver Propagation Delay vs. Temperature
CH3 2.0V
4ns/pt
MATH1 2.01V
200ns
M200ns 250MS/s
A CH2
1.24V
3
M1
VA – VB
RO
CH3 2.0V
20ns/pt
MATH1 2.01V
1.0µs
M1.0µs 50MS/s
A CH2
1.24V
3
M1
VY – VZ
DI
Figure 32. Receiver Propagation Delay
Figure 29. ADM3070E/ADM3071E/ADM3072E Driver
Propagation Delay (250 kbps)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn