Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3070EYRZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADM3070EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3070EYRZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3070EYRZ Datasheet HTML 10Page - Analog Devices ADM3070EYRZ Datasheet HTML 11Page - Analog Devices ADM3070EYRZ Datasheet HTML 12Page - Analog Devices ADM3070EYRZ Datasheet HTML 13Page - Analog Devices ADM3070EYRZ Datasheet HTML 14Page - Analog Devices ADM3070EYRZ Datasheet HTML 15Page - Analog Devices ADM3070EYRZ Datasheet HTML 16Page - Analog Devices ADM3070EYRZ Datasheet HTML 17Page - Analog Devices ADM3070EYRZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 14 of 20
CH3 2.0V
8ns/pt
MATH1 2.01V
400ns
M400s 125MS/s
A CH2
1.24V
3
M1
VY – VZ
DI
35
0
–50
125
TEMPERATURE (°C)
30
25
20
15
10
5
–25
0
25
50
75
100
tDPLH
tDPHL
Figure 30. ADM3073E/ADM3074E/ADM3075E Driver
Propagation Delay (500 kbps)
Figure 27. ADM3076E/ADM3077E/ADM3078E Driver
Propagation Delay vs. Temperature (16 Mbps)
CH3 2.0V
IT 400ps/pt
MATH1 1.0V
20ns
M20ns 1.25GS/s
A CH3
1.64V
3
M1
DI
VY – VZ
70
0
–50
125
TEMPERATURE (°C)
60
50
40
30
20
10
–25
0
25
50
75
100
tDPHL
tDPLH
Figure 31. ADM3076E/ADM3077E/ADM3078E Driver
Propagation Delay (16 Mbps)
Figure 28. Receiver Propagation Delay vs. Temperature
CH3 2.0V
4ns/pt
MATH1 2.01V
200ns
M200ns 250MS/s
A CH2
1.24V
3
M1
VA – VB
RO
CH3 2.0V
20ns/pt
MATH1 2.01V
1.0µs
M1.0µs 50MS/s
A CH2
1.24V
3
M1
VY – VZ
DI
Figure 32. Receiver Propagation Delay
Figure 29. ADM3070E/ADM3071E/ADM3072E Driver
Propagation Delay (250 kbps)


Similar Part No. - ADM3070EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070EYRZ AD-ADM3070EYRZ Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070EYRZ AD-ADM3070EYRZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3070EYRZ-REEL7 AD-ADM3070EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070EYRZ-REEL7 AD-ADM3070EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM3070EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com