Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360AR Datasheet(PDF) 25 Page - Analog Devices

Part # AD73360AR
Description  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360AR Datasheet(HTML) 25 Page - Analog Devices

Back Button AD73360AR Datasheet HTML 21Page - Analog Devices AD73360AR Datasheet HTML 22Page - Analog Devices AD73360AR Datasheet HTML 23Page - Analog Devices AD73360AR Datasheet HTML 24Page - Analog Devices AD73360AR Datasheet HTML 25Page - Analog Devices AD73360AR Datasheet HTML 26Page - Analog Devices AD73360AR Datasheet HTML 27Page - Analog Devices AD73360AR Datasheet HTML 28Page - Analog Devices AD73360AR Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
REV. A
AD73360
–25–
Figure 23 shows a comparison of SNR results achieved by vary-
ing either the Decimation Rate Setting or the DMCLK Rate
Settings.
SAMPLING FREQUENCY – kHz
8
71
REDUCED
DMCLK
DMCLK = MCLK
72
73
74
75
76
77
78
79
80
81
16
24
32
40
48
56
64
Figure 23. Comparison of DMCLK and Decimation Rate
Settings
Encoder Group Delay
The AD73360 implementation offers a very low level of group
delay, which is given by the following relationship:
Group Delay (Decimator) = Order
× ((M–1)/2) × Tdec
where:
Order is the order of the decimator (= 3),
M is the decimation factor (= 32) and
Tdec is the decimation sample interval (= 1/2.048e6)
=> Group Delay (Decimator) = 3
× (32–1)/2 × (1/2.048e6)
= 22.7
µs
If final filtering is implemented in the DSP, the final filter’s
group delay must be taken into account when calculating overall
group delay.
DESIGN CONSIDERATIONS
Analog Inputs
The AD73360 features six signal conditioning inputs. Each
signal conditioning block allows the AD73360 to be used with
either a single-ended or differential signal. The applied signal
can also be inverted internally by the AD73360 if required. The
analog input signal to the AD73360 can be dc-coupled, pro-
vided that the dc bias level of the input signal is the same as the
internal reference level (REFOUT). Figure 24 shows the recom-
mended differential input circuit for the AD73360. The circuit
of Figure 24 implements first-order low-pass filters with a 3 dB
VIN
TO INPUT BIAS
CIRCUITRY
VINPx
VINNx
REFOUT
REFCAP
VOLTAGE
REFERENCE
0.047 F
0.047 F
100
100
0.1 F
Figure 24. Example Circuit for Differential Input
(DC Coupling)
point at 34 kHz; these are the only filters that must be imple-
mented external to the AD73360 to prevent aliasing of the
sampled signal. Since the ADC uses a highly oversampled ap-
proach that transfers the bulk of the antialiasing filtering into the
digital domain, the off-chip antialiasing filter need only be of a
low order. It is recommended that for optimum performance the
capacitors used for the antialiasing filter be of high quality di-
electric (NPO).
The AD73360’s on-chip 38 dB preamplifier can be enabled
when there is not enough gain in the input circuit; the preampli-
fier is configured by bits IGS0–2 of CRD. The total gain must
be configured to ensure that a full-scale input signal produces a
signal level at the input to the sigma-delta modulator of the
ADC that does not exceed the maximum input range.
The dc biasing of the analog input signal is accomplished with
an on-chip voltage reference. If the input signal is not biased at
the internal reference level (via REFOUT), then it must be
ac-coupled with external coupling capacitors. CIN should be
0.1
µF or larger. The dc biasing of the input can then be accom-
plished using resistors to REFOUT as in Figure 25.
VIN
TO INPUT BIAS
CIRCUITRY
VINPx
VINNx
REFOUT
REFCAP
VOLTAGE
REFERENCE
0.047 F
100
100
CIN
CIN
10k
10k
0.047 F
0.1 F
Figure 25. Example Circuit for Differential Input
(AC Coupling)
Figures 26 and 27 detail ac- and dc-coupled input circuits for
single-ended operation respectively.
VIN
VINPx
VINNx
REFOUT
REFCAP
VOLTAGE
REFERENCE
100
CIN
10k
0.047 F
0.1 F
Figure 26. Example Circuit for Single-Ended Input
(AC Coupling)
VIN
VINPx
VINNx
REFOUT
REFCAP
VOLTAGE
REFERENCE
100
0.047 F
0.1 F
Figure 27. Example Circuit for Single-Ended Input
(DC Coupling)


Similar Part No. - AD73360AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ARZ-REEL AD-AD73360ARZ-REEL Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

Similar Description - AD73360AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com