Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9255BCPZ-80 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9255BCPZ-80
Description  14-Bit, 125 MSPS/105 MSPS/80 MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255BCPZ-80 Datasheet(HTML) 5 Page - Analog Devices

  AD9255BCPZ-80 Datasheet HTML 1Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9255BCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
AD9255
Rev. C | Page 5 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, SVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9255BCPZ-802
AD9255BCPZ-1052
AD9255BCPZ-1252
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
79.2
78.9
78.3
dBFS
fIN = 70 MHz
25°C
78.9
78.5
78.3
dBFS
Full
78.1
77.6
76.9
dBFS
fIN = 140 MHz
25°C
78.0
77.7
77.1
dBFS
fIN = 200 MHz
25°C
76.9
76.4
75.5
dBFS
SIGNAL-TO-NOISE-AND DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
78.7
78.6
78.0
dBFS
fIN = 70 MHz
25°C
78.7
78.0
78.0
dBFS
Full
77.9
77.3
76.7
dBFS
fIN = 140 MHz
25°C
76.8
77.0
76.7
dBFS
fIN = 200 MHz
25°C
75.8
75.3
74.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
12.8
12.8
12.7
Bits
fIN = 70 MHz
25°C
12.8
12.7
12.7
Bits
fIN = 140 MHz
25°C
12.5
12.5
12.4
Bits
fIN = 200 MHz
25°C
12.3
12.2
12.0
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−88
−90
−88
dBc
fIN = 70 MHz
25°C
−94
−89
−93
dBc
Full
−91
−88
−85
dBc
fIN = 140 MHz
25°C
−82
−86
−89
dBc
fIN = 200 MHz
25°C
−81
−81
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
88
90
88
dBc
fIN = 70 MHz
25°C
94
89
93
dBc
Full
91
88
85
dBc
fIN = 140 MHz
25°C
82
86
89
dBc
fIN = 200 MHz
25°C
81
81
80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Without Dither (AIN at −23 dBFS)
fIN = 2.4 MHz
25°C
102
99
96
dBFS
fIN = 70 MHz
25°C
103
97
99
dBFS
fIN = 140 MHz
25°C
104
97
98
dBFS
fIN = 200 MHz
25°C
102
101
97
dBFS
With On-Chip Dither (AIN at −23 dBFS)
fIN = 2.4 MHz
25°C
110
109
108
dBFS
fIN = 70 MHz
25°C
110
108
109
dBFS
fIN = 140 MHz
25°C
110
108
109
dBFS
fIN = 200 MHz
25°C
110
109
109
dBFS


Similar Part No. - AD9255BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9255BCPZ-80 AD-AD9255BCPZ-80 Datasheet
1Mb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9255BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com