Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9229ABCPZRL7-50 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9229ABCPZRL7-50
Description  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZRL7-50 Datasheet(HTML) 4 Page - Analog Devices

  AD9229ABCPZRL7-50 Datasheet HTML 1Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 2Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 3Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 4Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 5Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 6Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 7Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 8Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9229
Rev. B | Page 4 of 40
AC SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 2.
AD9229-50
AD9229-65
Parameter
Temperature
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
IV
69.5
70.4
69.0
70.2
dB
fIN = 10.3 MHz
25°C
V
70.4
70.2
dB
fIN = 25 MHz
Full
VI
68.7
69.6
dB
fIN = 30 MHz
Full
VI
68.0
69.5
dB
fIN = 70 MHz
25°C
V
67.2
67.1
dB
SIGNAL-TO-NOISE RATIO (SINAD)
fIN = 2.4 MHz
Full
V
70.0
69.8
dB
fIN = 10.3 MHz
25°C
V
70.0
69.8
dB
fIN = 25 MHz
Full
VI
68.4
69.4
dB
fIN = 30 MHz
Full
VI
67.3
69.0
dB
fIN = 70 MHz
25°C
V
66.8
66.7
dB
EFFECTIVE NUMBER OF BITS
(ENOB)
fIN = 2.4 MHz
Full
V
11.3
11.3
Bits
fIN = 10.3 MHz
25°C
V
11.3
11.3
Bits
fIN = 25 MHz
Full
VI
11.1
11.2
Bits
fIN = 30 MHz
Full
VI
10.9
11.2
Bits
fIN = 70 MHz
25°C
V
10.8
10.8
Bits
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
fIN = 2.4 MHz
Full
V
85
85
dBc
fIN = 10.3 MHz
25°C
V
85
85
dBc
fIN = 25 MHz
Full
VI
76
85
dBc
fIN = 30 MHz
Full
VI
73
85
dBc
fIN = 70 MHz
25°C
V
78
77
dBc
WORST HARMONIC
fIN = 2.4 MHz
Full
V
–85
–85
dBc
(Second or Third)
fIN = 10.3 MHz
25°C
V
–85
–85
dBc
fIN = 25 MHz
Full
VI
–85
–76
dBc
fIN = 30 MHz
Full
VI
–85
–73
dBc
fIN = 70 MHz
25°C
V
–78
–77
dBc
WORST OTHER
fIN = 2.4 MHz
Full
V
–90
–90
dBc
(Excluding Second or Third)
fIN = 10.3 MHz
25°C
V
–90
–90
dBc
fIN = 25 MHz
Full
VI
–88
–81.7
dBc
fIN = 30 MHz
Full
VI
–88
–79.7
dBc
fIN = 70 MHz
25°C
V
–85
–83
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fIN1 = 15 MHz
25°C
V
–73
–73
dBc
AIN1 and AIN2 = –7.0 dBFS
fIN2 = 16 MHz
fIN1 = 69 MHz
25°C
V
–68.5
–68.5
dBc
fIN2 = 70 MHz


Similar Part No. - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229ABCPZRL7-50 AD-AD9229ABCPZRL7-50 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
More results

Similar Description - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com