Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8651ARM-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8651ARM-R2
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8651ARM-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8651ARM-R2 Datasheet HTML 2Page - Analog Devices AD8651ARM-R2 Datasheet HTML 3Page - Analog Devices AD8651ARM-R2 Datasheet HTML 4Page - Analog Devices AD8651ARM-R2 Datasheet HTML 5Page - Analog Devices AD8651ARM-R2 Datasheet HTML 6Page - Analog Devices AD8651ARM-R2 Datasheet HTML 7Page - Analog Devices AD8651ARM-R2 Datasheet HTML 8Page - Analog Devices AD8651ARM-R2 Datasheet HTML 9Page - Analog Devices AD8651ARM-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8651/AD8652
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
VS = ±2.5V
VCM = 0V
0
10
50
40
30
20
60
Figure 5. Input Offset Voltage Distribution
–300
–200
200
100
0
–100
300
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
VCM = 0V
Figure 6. Input Offset Voltage vs. Temperature
0
10
50
40
30
20
60
TCVOS (µV/°C)
01
2
34
5
67
8
9
10
11
VS = ±2.5V
VCM =0V
TA: –40°C TO +125°C
Figure 7. TCVOS Distribution
–20
0
80
60
40
20
100
COMMON-MODE VOLTAGE (V)
01
23
4
5
6
VS = 5V
Figure 8. Input Offset Voltage vs. Common-Mode Voltage
0
500
400
300
200
100
TEMPERATURE (°C)
040
120
100
80
60
20
140
VS = ±2.5V
Figure 9. Input Bias Current vs. Temperature
0
10
8
6
4
2
SUPPLY VOLTAGE (V)
02
5
4
3
1
6
Figure 10. Supply Current vs. Supply Voltage


Similar Part No. - AD8651ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
More results

Similar Description - AD8651ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
   50 MHz, Precision, Low Distortion
REV. D
AD8651 AD-AD8651_15 Datasheet
467Kb / 20P
   50 MHz, Precision, Low Distortion
REV. D
logo
Texas Instruments
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com