Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA5160C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MSA5160C
Description  0.5 INCH (12.7MM) 16 SEGMENT, SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSA5160C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MSA5160C Datasheet HTML 1Page - Fairchild Semiconductor MSA5160C Datasheet HTML 2Page - Fairchild Semiconductor MSA5160C Datasheet HTML 3Page - Fairchild Semiconductor MSA5160C Datasheet HTML 4Page - Fairchild Semiconductor MSA5160C Datasheet HTML 5Page - Fairchild Semiconductor MSA5160C Datasheet HTML 6Page - Fairchild Semiconductor MSA5160C Datasheet HTML 7Page - Fairchild Semiconductor MSA5160C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image


Similar Part No. - MSA5160C

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Agilent(Hewlett-Packard...
MSA-0100 HP-MSA-0100 Datasheet
54Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0100-GP4 HP-MSA-0100-GP4 Datasheet
54Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0104 HP-MSA-0104 Datasheet
30Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - MSA5160C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XAUR13C SUNLED-XAUR13C Datasheet
166Kb / 2P
   12.7mm (0.5 inch) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13A SUNLED-AMR13A Datasheet
186Kb / 4P
   12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13C-A SUNLED-AUG13C-A Datasheet
190Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Fairchild Semiconductor
MDA6110C FAIRCHILD-MDA6110C Datasheet
351Kb / 8P
   0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY
logo
SunLED Corporation
DUR12A SUNLED-DUR12A Datasheet
176Kb / 4P
   12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUY12A SUNLED-DUY12A Datasheet
178Kb / 4P
   12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
AMR13C SUNLED-AMR13C Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13A-A SUNLED-AUG13A-A Datasheet
189Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13A SUNLED-AUG13A Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13C SUNLED-AUG13C Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com