Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8350ARMZ15-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8350ARMZ15-REEL7
Description  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350ARMZ15-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8350ARMZ15-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 9Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 10Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 11Page - Analog Devices AD8350ARMZ15-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
REV.
AD8350
–8–
APPLICATIONS
Using the AD8350
Figure 1 shows the basic connections for operating the AD8350.
A single supply in the range 5 V to 10 V is required. The power
supply pin should be decoupled using a 0.1
µF capacitor. The
ENBL pin is tied to the positive supply or to 5 V (when VCC =
10 V) for normal operation and should be pulled to ground to
put the device in sleep mode. Both the inputs and the outputs
have dc bias levels at midsupply and should be ac-coupled.
Also shown in Figure 1 are the impedance balancing requirements,
either resistive or reactive, of the input and output. With an
input and output impedance of 200
Ω, the AD8350 should be
driven by a 200
Ω source and loaded by a 200 Ω impedance. A
reactive match can also be implemented.
8
7
6
5
1
2
3
4
AD8350
ENBL (5V)
+VS (5V TO 10V)
C5
0.1 F
C4
0.001 F
C3
0.001 F
LOAD
Z = 200
C2
0.001 F
C1
0.001 F
SOURCE
Z = 100
Z = 100
Figure 1. Basic Connections for Differential Drive
Figure 2 shows how the AD8350 can be driven by a single-
ended source. The unused input should be ac-coupled to ground.
When driven single-endedly, there will be a slight imbalance in
the differential output voltages. This will cause an increase in
the second order harmonic distortion (at 50 MHz, with VCC =
10 V and VOUT = 1 V p-p, –59 dBc was measured for the second
harmonic on AD8350-15).
8
7
6
5
1
2
3
4
AD8350
ENBL (5V)
+VS (5V TO 10V)
C5
0.1 F
C4
0.001 F
C3
0.001 F
LOAD
Z = 200
C2
0.001 F
SOURCE
Z = 200
C1
0.001 F
Figure 2. Basic Connections for Single-Ended Drive
Reactive Matching
In practical applications, the AD8350 will most likely be matched
using reactive matching components as shown in Figure 3.
Matching components can be calculated using a Smith Chart or
by using a resonant approach to determine the matching network
that results in a complex conjugate match. In either situation,
the circuit can be analyzed as a single-ended equivalent circuit
to ease calculations as shown in Figure 4.
VS
87
6
5
12
34
AD8350
ENBL (5V)
+VS (5V TO 10V)
0.1 F
RLOAD
CAC
CAC
CP
LS/2
LS/2
RS/2
RS/2
CAC
CAC
CP
LS/2
LS/2
Figure 3. Reactively Matching the Input and Output
VS
87
6
5
12
34
AD8350
ENBL (5V)
+VS (5V TO 10V)
0.1 F
RLOAD
CAC
CP
LS
RS
CAC
CP
LS
CAC
CAC
Figure 4. Single-Ended Equivalent Circuit
When the source impedance is smaller than the load impedance,
a step-up matching network is required. A typical step-up network
is shown on the input of the AD8350 in Figure 3. For purely
resistive source and load impedances the resonant approach may
be used. The input and output impedance of the AD8350 can be
modeled as a real 200
Ω resistance for operating frequencies less
than 100 MHz. For signal frequencies exceeding 100 MHz, classi-
cal Smith Chart matching techniques should be invoked in order
to deal with the complex impedance relationships. Detailed S
parameter data measured differentially in a 200
Ω system can be
found in Tables II and III.
For the input matching network the source resistance is less
than the input resistance of the AD8350. The AD8350 has a
nominal 200
Ω input resistance from Pins 1 to 8. The reactance
of the ac-coupling capacitors, CAC, should be negligible if 100 nF
capacitors are used and the lowest signal frequency is greater
than 1 MHz. If the series reactance of the matching network
inductor is defined to be XS = 2
π f LS, and the shunt reactance
of the matching capacitor to be XP = (2
π f CP)–1, then:
X
RR
X
XR
R
RR
S
S
LOAD
P
PLOAD
S
LOAD
S
=
×
where
(1)
For a 70 MHz application with a 50
Ω source resistance, and
assuming the input impedance is 200
Ω, or RLOAD = RIN = 200 Ω,
then XP = 115.5
Ω and X
S = 86.6
Ω, which results in the follow-
ing component values:
CP = (2
π × 70 × 106 × 115.5)–1 = 19.7 pF and
LS = 86.6
× (2 π × 70 × 106)–1 = 197 nH
B


Similar Part No. - AD8350ARMZ15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350ARMZ15-REEL7 AD-AD8350ARMZ15-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Similar Description - AD8350ARMZ15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com