Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8350ARZ15-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8350ARZ15-REEL7
Description  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350ARZ15-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8350ARZ15-REEL7 Datasheet HTML 1Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 2Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 3Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REV.
–5–
Typical Performance Characteristics–AD8350
TEMPERATURE – C
50
–40
40
30
20
10
0
–20
0
20
40
60
80
VCC = 5V
VCC = 10V
TPC 1. Supply Current vs.
Temperature
FREQUENCY – MHz
350
1
300
250
200
150
100
10
100
1k
VCC = 10V
VCC = 5V
TPC 4. AD8350-15 Input Imped-
ance vs. Frequency
FREQUENCY – MHz
800
0
0
10
1000
100
200
400
600
SOIC
SOIC
TPC 7. AD8350-20 Output Imped-
ance vs. Frequency
FREQUENCY – MHz
20
1
15
10
5
0
10
100
1k
10k
VCC = 10V
VCC = 5V
TPC 2. AD8350-15 Gain (S21) vs.
Frequency
FREQUENCY – MHz
350
1
300
250
200
150
100
10
100
1k
VCC = 10V
VCC = 5V
TPC 5. AD8350-20 Input Impedance
vs. Frequency
FREQUENCY – MHz
–5
1
–10
–15
–20
–25
10
100
1k
10k
VCC = 10V
VCC = 5V
TPC 8. AD8350-15 Isolation (S12)
vs. Frequency
FREQUENCY – MHz
25
1
20
15
10
5
10
100
1k
10k
VCC = 10V
VCC = 5V
TPC 3. AD8350-20 Gain (S21) vs.
Frequency
FREQUENCY – MHz
500
100
0
0
10
1000
100
200
300
400
SOIC
SOIC
TPC 6. AD8350-15 Output Impedance
vs. Frequency
FREQUENCY – MHz
–10
1
–15
–20
–25
–30
10
100
1k
10k
VCC = 10V
VCC = 5V
TPC 9. AD8350-20 Isolation (S12)
vs. Frequency
B


Similar Part No. - AD8350ARZ15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350ARZ15-REEL7 AD-AD8350ARZ15-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Similar Description - AD8350ARZ15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com