Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8065WARTZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8065WARTZ-REEL7
Description  High Performance, 145 MHz FastFET Op Amps
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065WARTZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8065WARTZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8065WARTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD8065/AD8066
Rev. J | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 3
Specifications ±5 V........................................................................... 4
Specifications ±12 V......................................................................... 6
Specifications +5 V........................................................................... 7
Absolute Maximum Ratings............................................................ 9
Maximum Power Dissipation ..................................................... 9
Output Short Circuit .................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 20
Closed-Loop Frequency Response........................................... 20
Noninverting Closed-Loop Frequency Response .................. 20
Inverting Closed-Loop Frequency Response ......................... 20
Wideband Operation ................................................................. 21
Input Protection ......................................................................... 21
Thermal Considerations............................................................ 22
Input and Output Overload Behavior ..................................... 22
Layout, Grounding, and Bypassing Considerations .................. 23
Power Supply Bypassing ............................................................ 23
Grounding ................................................................................... 23
Leakage Currents........................................................................ 23
Input Capacitance ...................................................................... 23
Output Capacitance ................................................................... 23
Input-to-Output Coupling ........................................................ 24
Wideband Photodiode Preamp ................................................ 24
High Speed JFET Input Instrumentation Amplifier.............. 25
Video Buffer ................................................................................ 26
Outline Dimensions ....................................................................... 27
Ordering Guide .......................................................................... 28
Automotive Products ................................................................. 28


Similar Part No. - AD8065WARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD8065 AD-AD8065 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results

Similar Description - AD8065WARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com