Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFUKG455KH1X-R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KH1X-R0
Description  Ceramic Discriminators for Communications Equipment
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KH1X-R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KH1X-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CFUKG455KH1X-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r kHz SMD Type SFPKA Series
The SFPKA series is comprised of small, high-performance,
economical, thin (5.0mm) filters consisting of 4 ceramic
elements. Their innovative construction is perfect for
shrinking mobile communication products such as cordless
phones, pagers and transceivers.
c Features
1. The filters are mountable by automatic placers.
2. The filters can be reflow soldered and withstand
washing.
3. They are slim, at only 5.0mm maximum thickness.
4. The bandwidth ranges from D to H.
5. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
3.0±0.3
2.0±0.3
1.5±0.3
7.0±0.3
0.9±0.1
MARKING
EIAJ
CODE
2.0±0.3
(1) (2) (3)
1.5±0.3
1.6±0.3
Connection
(1): Input
(2): Ground
(3): Output
(in mm)
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Ripple
(dB)
Input/Output
Impedance
(ohm)
SFPKA455KD4A-R1
455
±1.5kHz
fn±10.0
min.
fn±20.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
2.0 max.
[within fn±7kHz]
1500
SFPKA455KE4A-R1
455
±1.5kHz
fn±7.5
min.
fn±15.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±5kHz]
1500
SFPKA455KF4A-R1
455
±1.5kHz
fn±6.0
min.
fn±12.5 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±4kHz]
1500
SFPKA455KG1A-R1
455
±1.0kHz
fn±4.5
min.
fn±10.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±3kHz]
1500
SFPKA455KH1A-R1
455
±1.0kHz
fn±3.0
min.
fn±9.0 max.
[within 40dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±2kHz]
2000
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
Rg+R1=R2=Input/Output Impedance
E1: S.S.G. Output Voltage
E1
R1
Rg
S.S.G.
0dBm
(1)
(2)
(3)
R2
E2
RF Voltmeter
(1): Input
(2): Ground
(3): Output
c Test Circuit
P05E.pdf
Nov.24,2011
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1


Similar Part No. - CFUKG455KH1X-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFUKG455KH1X-R0 MURATA1-CFUKG455KH1X-R0 Datasheet
344Kb / 3P
   Filters
04/11/2024
CFUKG455KH1X-R0 MURATA1-CFUKG455KH1X-R0_V01 Datasheet
344Kb / 3P
   Filters
04/11/2024
More results

Similar Description - CFUKG455KH1X-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
   Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
SFE10.7 MURATA1-SFE10.7 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
logo
Token Electronics Indus...
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
   JTM Ceramic Discriminators
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com