Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7918BRUZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7918BRUZ-REEL
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918BRUZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7918BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 11Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 12Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 13Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 14Page - Analog Devices AD7918BRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7908/AD7918/AD7928
Rev. D | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
AD7908/
AD7918/
AD7928
TOP VIEW
(Not to Scale)
SCLK
20
2
DIN
19
3
CS
DOUT
18
4
AGND
AGND
AGND
AGND
17
5
AVDD
AVDD
VDRIVE
REFIN
16
615
714
813
9
VIN7
VIN6
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
12
10
11
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also
used as the clock source for the conversion process of the AD7908/AD7918/AD7928.
2
DIN
Data In. Logic input. Data to be written to the control register of the AD7908/AD7918/AD7928 is provided on
this input and is clocked into the register on the falling edge of SCLK (see the Control Register section).
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7908/AD7918/AD7928, and also frames the serial data transfer.
4, 8, 17, 20
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7908/AD7918/AD7928. All
analog input signals and any external reference signal should be referred to this AGND voltage. All AGND pins
should be connected together.
5, 6
AVDD
Analog Power Supply Input. The AVDD range for the AD7908/AD7918/AD7928 is from 2.7 V to 5.25 V. For the 0 V
to 2 × REFIN range, AVDD should be from 4.75 V to 5.25 V.
7
REFIN
Reference Input for the AD7908/AD7918/AD7928. An external reference must be applied to this input. The
voltage range for the external reference is 2.5 V ± 1% for specified performance.
16 to 9
VIN0 to VIN7
Analog Input 0 through Analog Input 7. These are eight single-ended analog input channels that are
multiplexed into the on-chip track-and-hold. The analog input channel to be converted is selected by using
Address Bit ADD2 through Address Bit ADD0 of the control register. The address bits, in conjunction with the
SEQ and SHADOW bits, allow the sequencer to be programmed. The input range for all input channels can
extend from 0 V to REFIN or 0 V to 2 × REFIN as selected via the RANGE bit in the control register. Any unused
input channels must be connected to AGND to avoid noise pickup.
18
DOUT
Data Out. Logic output. The conversion result from the AD7908/AD7918/AD7928 is provided on this output as
a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the
AD7908 consists of one leading zero, three address bits indicating which channel the conversion result
corresponds to, followed by the eight bits of conversion data, followed by four trailing zeros, provided MSB
first; the data stream from the AD7918 consists of one leading zero, three address bits indicating which
channel the conversion result corresponds to, followed by the 10 bits of conversion data, followed by two
trailing zeros, also provided MSB first; the data stream from the AD7928 consists of one leading zero, three
address bits indicating which channel the conversion result corresponds to, followed by the 12 bits of
conversion data, provided MSB first. The output coding can be selected as straight binary or twos complement
via the CODING bit in the control register.
19
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the serial interface of
the AD7908/AD7918/AD7928 operates.


Similar Part No. - AD7918BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7918BRU AD-AD7918BRU Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7918BRU-REEL AD-AD7918BRU-REEL Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7918BRU-REEL7 AD-AD7918BRU-REEL7 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results

Similar Description - AD7918BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com