Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7674 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7674
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7674 Datasheet HTML 20Page - Analog Devices AD7674 Datasheet HTML 21Page - Analog Devices AD7674 Datasheet HTML 22Page - Analog Devices AD7674 Datasheet HTML 23Page - Analog Devices AD7674 Datasheet HTML 24Page - Analog Devices AD7674 Datasheet HTML 25Page - Analog Devices AD7674 Datasheet HTML 26Page - Analog Devices AD7674 Datasheet HTML 27Page - Analog Devices AD7674 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7679
Rev. A | Page 26 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
3.5°
0.15
0.05
9.20
9.00 SQ
8.80
7.20
7.00 SQ
6.80
Figure 44. 48-Lead Low Profile Quad Flat Package [LQFP] (ST-48)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 45. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad (CP-48-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7679ASTZ1
–40°C to +85°C
48-Lead LQFP
ST-48
AD7679ASTZRL1
–40°C to +85°C
48-Lead LQFP
ST-48
AD7679ACPZ1
–40°C to +85°C
48-Lead LFCSP_VQ
CP-48-1
AD7679ACPZRL1
–40°C to +85°C
48-Lead LFCSP_VQ
CP-48-1
EVAL-AD7679CBZ1, 2
Evaluation Board
EVAL-CONTROL BRD2Z1, 3
Parallel Port Capture Board, 32k RAM
EVAL-CONTROL BRD3Z1, 3
Parallel Port Capture Board, 128k RAM
EVAL-CED1Z1
USB Data Capture Board
1 Z = RoHS Compliant Part.
2This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes.
3These capture boards allow a PC to control and communicate with all Analog Devices evaluation boards ending in ED for EVAL-CED1Z and CB for EVAL-CONTROL
BRDxZ ( x = 2, 3).


Similar Part No. - AD7674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7674 AD-AD7674 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7674 AD-AD7674 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
More results

Similar Description - AD7674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
   18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7678 AD-AD7678 Datasheet
437Kb / 29P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com