Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7731BRUZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7731BRUZ-REEL7
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731BRUZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD7731BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7731BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
–3–
REV. 0
AD7731
Parameter
B Version
1
Units
Conditions/Comments
Absolute/Common-Mode Voltage
13
AGND + 1.2 V
V min
AVDD – 0.95 V
V max
Reference Input
REF IN(+) – REF IN (–) Voltage
+2.5
V nom
HIREF Bit of Mode Register = 0
REF IN(+) – REF IN (–) Voltage
+5
V nom
HIREF Bit of Mode Register = 1
Reference DC Input Current
5.5
µA max
HIREF Bit of Mode Register = 0
Reference DC Input Current
10
µA max
HIREF Bit of Mode Register = 1
Absolute/Common-Mode Voltage
14
AGND – 30 mV
V min
AVDD + 30 mV
V max
NO REF Trigger Voltage
0.3
V min
NO REF Bit Active If VREF Below This Voltage
0.65
V max
NO REF Bit Inactive If VREF Above This Voltage
LOGIC INPUTS
Input Current
±10
µA max
All Inputs Except SCLK and MCLK IN
VINL, Input Low Voltage
0.8
V max
DVDD = +5 V
VINL, Input Low Voltage
0.4
V max
DVDD = +3 V
VINH, Input High Voltage
2.0
V min
SCLK Only (Schmitt Triggered Input)
VT+
1.4/3
V min/V max
DVDD = +5 V
VT+
0.95/2.5
V min/V max
DVDD = +3 V
VT–
0.8/1.4
V min/V max
DVDD = +5 V
VT–
0.4/1.1
V min/V max
DVDD = +3 V
VT+ – VT–
0.4/0.85
V min/V max
DVDD = +5 V
VT+ – VT–
0.4/0.8
V min/V max
DVDD = +3 V
MCLK IN Only
VINL, Input Low Voltage
0.8
V max
DVDD = +5 V
VINL, Input Low Voltage
0.4
V max
DVDD = +3 V
VINH, Input High Voltage
3.5
V min
DVDD = +5 V
VINH, Input High Voltage
2.5
V min
DVDD = +3 V
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V max
ISINK = 800 µA Except for MCLK OUT
15.
VDD
16 = +5 V
VOL, Output Low Voltage
0.4
V max
ISINK = 100 µA Except for MCLK OUT
15.
VDD
16 = +3 V
VOH, Output High Voltage
4.0
V min
ISOURCE = 200 µA Except for MCLK OUT
15.
VDD
16 = +5 V
VOH, Output High Voltage
DVDD – 0.6 V
V min
ISOURCE = 100 µA Except for MCLK OUT
15.
VDD
16 = +3 V
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
3
6
pF typ
TRANSDUCER BURNOUT
17
AIN1(+) Current
–100
nA nom
AIN1(–) Current
100
nA nom
Initial Tolerance @ 25
°C
±10
% typ
Drift
0.1
%/
°C typ
SYSTEM CALIBRATION
Positive Full-Scale Calibration Limit
18
1.05
× FS
V max
FS Is the Nominal Full-Scale Voltage (20 mV,
40 mV, 80 mV, 160 mV, 320 mV, 640 mV, 1.28 V)
Negative Full-Scale Calibration Limit
18
–1.05
× FS
V max
Offset Calibration Limit
19
–1.05
× FS
V min
Input Span
19
0.8
× FS
V min
2.1
× FS
V max
POWER REQUIREMENTS
Power Supply Voltages
AVDD – AGND Voltage
+5
V nom
DVDD Voltage
+2.7 to +5.25
V min to V max
With AGND = 0 V
Power Supply Currents
External MCLK. Digital I/Ps = 0 V or DVDD
AVDD Current (Normal Mode)
10.3
mA max
DVDD Current (Normal Mode)
1.7
mA max
DVDD of 2.7 V to 3.3 V
DVDD Current (Normal Mode)
3.2
mA max
DVDD of 4.75 V to 5.25 V
AVDD + DVDD Current (Standby Mode)
25
µA max
Typically 10
µA. External MCLK IN = 0 V or DV
DD
Power Dissipation
AVDD = DVDD = +5 V. Digital I/Ps = 0 V or DVDD
Normal Mode
67.5
mW max
Standby Mode
125
µW max
Typically 50
µW. External MCLK IN = 0 V or DV
DD
REV. A


Similar Part No. - AD7731BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731BRU AD-AD7731BRU Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
More results

Similar Description - AD7731BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com