Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7533KRZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7533KRZ
Description  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7533KRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7533KRZ Datasheet HTML 3Page - Analog Devices AD7533KRZ Datasheet HTML 4Page - Analog Devices AD7533KRZ Datasheet HTML 5Page - Analog Devices AD7533KRZ Datasheet HTML 6Page - Analog Devices AD7533KRZ Datasheet HTML 7Page - Analog Devices AD7533KRZ Datasheet HTML 8Page - Analog Devices AD7533KRZ Datasheet HTML 9Page - Analog Devices AD7533KRZ Datasheet HTML 10Page - Analog Devices AD7533KRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7533
Rev. C | Page 7 of 12
CIRCUIT DESCRIPTION
GENERAL CIRCUIT INFORMATION
The AD7533 is a 10-bit multiplying DAC that consists of a
highly stable thin-film R-2R ladder and ten CMOS current
switches on a monolithic chip. Most applications require the
addition of only an output operational amplifier and a voltage
or current reference.
The simplified D/A circuit is shown in Figure 7. An inverted
R- 2R ladder structure is used, that is, the binarily weighted
currents are switched between the IOUT1 and IOUT2 bus lines,
thus maintaining a constant current in each ladder leg
independent of the switch state.
20kΩ
S1
S2
S3
SN
IOUT2
VREF
IOUT1
RFB
20kΩ
20kΩ
20kΩ
10kΩ
BIT 1 (MSB)
BIT 10 (LSB)
DIGITAL INPUTS (DTL/TTL/CMOS COMPATIBLE)
BIT 2
BIT 3
10kΩ
10kΩ
10kΩ
20kΩ
Figure 7. Functional Diagram
One of the CMOS current switches is shown in Figure 8. The
geometries of Device 1, Device 2, and Device 3 are optimized to
make the digital control inputs DTL/TTL/CMOS compatible
over the full military temperature range. The input stage drives
two inverters (Device 4, Device 5, Device 6, and Device 7),
which in turn drive the two output N channels. The on
resistances of the switches are binarily sealed so that the voltage
drop across each switch is the same. For example, Switch 1 in
Figure 8 is designed for an on resistance of 20 Ω, Switch 2 for
40 Ω, and so on. For a 10 V reference input, the current through
Switch 1 is 0.5 mA, the current through Switch 2 is 0.25 mA,
and so on, thus maintaining a constant 10 mV drop across each
switch. It is essential that each switch voltage drop be equal if
the binarily weighted current division property of the ladder is
to be maintained.
DTL/TTL/
CMOS
INPUT
V+
13
2
TO LADDER
5
4
250Ω
7
6
89
IOUT1
IOUT2
Figure 8. CMOS Switch
EQUIVALENT CIRCUIT ANALYSIS
The equivalent circuits for all digital inputs high and digital
inputs low are shown in Figure 9 and Figure 10. In Figure 9 with
all digital inputs low, the reference current is switched to IOUT2.
The current source ILEAKAGE is composed of surface and junction
leakages to the substrate, while the I/1024 current source represents
a constant 1-bit current drain through the termination resistor
on the R-2R ladder. The on capacitance of the output N channel
switch is 100 pF, as shown on the IOUT2 terminal. The off switch
capacitance is 35 pF, as shown on the IOUT1 terminal. Analysis of
the circuit for all digital inputs high, as shown in Figure 10, is
similar to Figure 9; however, the on switches are now on
Terminal IOUT1. Therefore, there is the 100 pF at that terminal.
IOUT2
IOUT1
VREF
IREF
RFB
ILEAKAGE
R
R
R
10kΩ
100pF
ILEAKAGE
35pF
I/1024
Figure 9. Equivalent Circuit—All Digital Inputs Low
IOUT2
IOUT1
VREF
IREF
RFB
ILEAKAGE
R
R
100pF
ILEAKAGE
35pF
I/1024
R
10kΩ
Figure 10. Equivalent Circuit—All Digital Inputs High


Similar Part No. - AD7533KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533KR AD-AD7533KR Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533KR AD-AD7533KR Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
More results

Similar Description - AD7533KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com