Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5339BRM-REEL7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5339BRM-REEL7
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5339BRM-REEL7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5339BRM-REEL7 Datasheet HTML 19Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 20Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 21Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 22Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 23Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 24Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 25Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 26Page - Analog Devices AD5339BRM-REEL7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 23 of 28
Table 10. Overview of AD53xx Parallel Devices
Additional Pin Functions
Part No.
Resolution (Bits)
DNL (LSBs)
No. of
VREF Pins
Settling
Time (μs)
BUF
GAIN
HBEN
CLR
Package
No. of Pins
Single
AD5300
8
±0.25
1
6
*
*
*
TSSOP
20
AD5331
10
±0.50
1
7
*
*
TSSOP
20
AD5340
12
±1.00
1
8
*
*
*
TSSOP
24
AD5341
12
±1.00
1
8
*
*
*
*
TSSOP
20
Dual
AD5332
8
±0.25
2
6
*
TSSOP
20
AD5333
10
±0.50
2
7
*
*
*
TSSOP
24
AD5342
12
±1.00
2
8
*
*
*
TSSOP
28
AD5343
12
±1.00
1
8
*
*
TSSOP
20
Quad
AD5334
8
±0.25
2
6
*
*
TSSOP
24
AD5335
10
±0.50
2
7
*
*
TSSOP
24
AD5336
10
±0.50
4
7
*
*
TSSOP
28
AD5344
12
±1.00
4
8
TSSOP
28
Octal
AD5346
8
±0.25
4
6
*
*
*
TSSOP, LFCSP
38, 40
AD5347
10
±0.50
4
7
*
*
*
TSSOP, LFCSP
38, 40
AD5348
12
±1.00
4
8
*
*
*
TSSOP, LFCSP
38, 40


Similar Part No. - AD5339BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5339BRM-REEL7 AD-AD5339BRM-REEL7 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
More results

Similar Description - AD5339BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5305 AD-AD5305_06 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com