Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5327ARUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5327ARUZ
Description  2.5 V to 5.5 V, 400 muA, Quad Voltage Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5327ARUZ Datasheet(HTML) 1 Page - Analog Devices

  AD5327ARUZ Datasheet HTML 1Page - Analog Devices AD5327ARUZ Datasheet HTML 2Page - Analog Devices AD5327ARUZ Datasheet HTML 3Page - Analog Devices AD5327ARUZ Datasheet HTML 4Page - Analog Devices AD5327ARUZ Datasheet HTML 5Page - Analog Devices AD5327ARUZ Datasheet HTML 6Page - Analog Devices AD5327ARUZ Datasheet HTML 7Page - Analog Devices AD5327ARUZ Datasheet HTML 8Page - Analog Devices AD5327ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2.5 V to 5.5 V, 400 μA, Quad Voltage Output,
8-/10-/12-Bit DACs in 16-Lead TSSOP
AD5307/AD5317/AD5327
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
AD5307: 4 buffered 8-bit DACs in 16-lead TSSOP
A version: ±1 LSB INL; B version: ±0.625 LSB INL
AD5317: 4 buffered 10-bit DACs in 16-lead TSSOP
A version: ±4 LSB INL; B version: ±2.5 LSB INL
AD5327: 4 buffered 12-bit DACs in 16-lead TSSOP
A version: ±16 LSB INL; B version: ±10 LSB INL
Low power operation: 400 μA @ 3 V, 500 μA @ 5 V
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power down to 90 nA @ 3 V, 300 nA @ 5 V (LDAC pin)
Double-buffered input logic
Buffered/unbuffered reference input options
Output range: 0 V to VREF or 0 V to 2 VREF
Power-on reset to 0 V
Simultaneous update of outputs (LDAC pin)
Asynchronous clear facility (CLR pin)
Low power, SPI®-, QSPI™-, MICROWIRE™-, and DSP-
compatible 3-wire serial interface
SDO daisy-chaining option
On-chip rail-to-rail output buffer amplifiers
Temperature range of −40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
The AD5307/AD5317/AD53271 are quad 8-,10-,12-bit buffered
voltage-output DACs in 16-lead TSSOP that operate from single
2.5 V to 5.5 V supplies and consume 400 μA at 3 V. Their on-
chip output amplifiers allow the outputs to swing rail-to-rail with
a slew rate of 0.7 V/μs. The AD5307/AD5317/AD5327 utilize
versatile 3-wire serial interfaces that operate at clock rates up to
30 MHz; these parts are compatible with standard SPI, QSPI,
MICROWIRE, and DSP interface standards.
The references for the four DACs are derived from two reference
pins (one per DAC pair). These reference inputs can be configured
as buffered or unbuffered inputs. Each part incorporates a power-
on reset circuit, ensuring that the DAC outputs power up to 0 V
and remain there until a valid write to the device takes place.
There is also an asynchronous active low CLR pin that clears all
DACs to 0 V. The outputs of all DACs can be updated simul-
taneously using the asynchronous LDAC input. Each part
contains a power-down feature that reduces the current
consumption of the device to 300 nA @ 5 V (90 nA @ 3 V). The
parts can also be used in daisy-chaining applications using the
SDO pin.
All three parts are offered in the same pinout, allowing users to
select the amount of resolution appropriate for their application
without redesigning their circuit board.
FUNCTIONAL BLOCK DIAGRAM
VDD
VREFAB
VREFCD
POWER-ON
RESET
POWER-DOWN
LOGIC
GND
AD5307/AD5317/AD5327
LDAC
PD
LDAC CLR
DCEN
SDO
DIN
SYNC
SCLK
BUFFER
BUFFER
BUFFER
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTD
VOUTC
VOUTB
VOUTA
GAIN-SELECT
LOGIC
INTERFACE
LOGIC
Figure 1.
1 Protected by U.S. Patent No. 5,969,657; other patents pending.


Similar Part No. - AD5327ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5327 AD-AD5327 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5327 AD-AD5327 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5327 AD-AD5327 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5327 AD-AD5327 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5327 AD-AD5327 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5327ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com