Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7111TE/883B Datasheet(PDF) 1 Page - Analog Devices

Part # AD7111TE/883B
Description  LC2MOS LOGDAC Logarithmic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7111TE/883B Datasheet(HTML) 1 Page - Analog Devices

  AD7111TE/883B Datasheet HTML 1Page - Analog Devices AD7111TE/883B Datasheet HTML 2Page - Analog Devices AD7111TE/883B Datasheet HTML 3Page - Analog Devices AD7111TE/883B Datasheet HTML 4Page - Analog Devices AD7111TE/883B Datasheet HTML 5Page - Analog Devices AD7111TE/883B Datasheet HTML 6Page - Analog Devices AD7111TE/883B Datasheet HTML 7Page - Analog Devices AD7111TE/883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS LOGDAC
Logarithmic D/A Converter
AD7111/AD7111A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAMS
17-BIT DAC
17-BIT LATCH
DECODE LOGIC
8-BIT BUFFER
CONTROL LOGIC
AD7111
I OUT
AGND
R
FB
V
DD
V
IN
DGND
CS
WR
D0 – D7
17-BIT DAC
17-BIT LATCH
DECODE LOGIC
8-BIT BUFFER
CONTROL LOGIC
AD7111A
I OUT
AGND
R
FB
V
DD
V
IN
DGND
CS
WR
D0 – D7
FEATURES
Dynamic Range: 88.5 dB
Resolution: 0.375 dB
On-Chip Data Latches
+5 V Operation
AD7111A Pin Compatible with AD7524
Low Power
APPLICATIONS
Audio Attenuators
Sonar Systems
Function Generators
Digitally Controlled AGC System
GENERAL DESCRIPTION
The LOGDAC® AD7111/AD7111A are monolithic multiplying
D/A converters featuring wide dynamic range in a small pack-
age. Both DACs can attenuate an analog input signal over the
range 0 dB to 88.5 dB in 0.375 dB steps. They are available in
16-pin DIPs and SOIC packages. The AD7111 is also available
in a 20-terminal LCCC package.
The degree of attenuation across the DAC is determined by an
8-bit word applied to the onboard decode logic. This 8-bit word
is decoded into a 17-bit word which is then applied to a 17-bit
R-2R ladder. The very fine step resolution, which is available
over the entire dynamic range, is due to the use of this 17-bit
DAC.
The AD7111/AD7111A are easily interfaced to a standard 8-bit
MPU bus via an 8-bit data port and standard microprocessor
control lines. The AD7111 WR input is edge triggered and re-
quires a rising edge to load new data to the DAC. The AD7111A
WR
is level triggered to allow transparent operation of the
latches, if required. It should also be noted that the AD7111A is
exactly pin and function-compatible with the AD7524, an in-
dustry standard 8-bit multiplying DAC. This allows an easy up-
grading of existing AD7524 designs which would benefit both
from the wider dynamic range and the finer step resolution of-
fered by the AD7111A.
The AD7111/AD7111A are fabricated in Linear Compatible
CMOS (LC
2MOS), an advanced, mixed technology process that
combines precision bipolar circuits with low power CMOS logic.
LOGDAC is a registered trademark of Analog Devices, Inc.
PRODUCT HIGHLIGHTS
1. Wide Dynamic Range: 0 dB to 88.5 dB attenuation range in
0.375 dB steps.
2. Small Package: The AD7111/AD7111A are available in
16-pin DIPs and SOIC packages.
3. Transparent Latch Operation: By tying the CS and WR in-
puts low, the DAC latches in the AD7111A can be made
transparent.
4. Fast Microprocessor Interface: Data setup times of 25 ns and
write pulse width of 57 ns make the AD7111A compatible
with modern microprocessors.


Similar Part No. - AD7111TE/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111TE/883B AD-AD7111TE/883B Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

Similar Description - AD7111TE/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com