Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA55 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # PZTA55
Description  PNP General Purpose Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA55 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button PZTA55 Datasheet HTML 3Page - Fairchild Semiconductor PZTA55 Datasheet HTML 4Page - Fairchild Semiconductor PZTA55 Datasheet HTML 5Page - Fairchild Semiconductor PZTA55 Datasheet HTML 6Page - Fairchild Semiconductor PZTA55 Datasheet HTML 7Page - Fairchild Semiconductor PZTA55 Datasheet HTML 8Page - Fairchild Semiconductor PZTA55 Datasheet HTML 9Page - Fairchild Semiconductor PZTA55 Datasheet HTML 10Page - Fairchild Semiconductor PZTA55 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Note/Comments
Packaging Option
SOT-23 Packaging Information
Standard
Packaging type
Reel Size
TNR
7” Dia
Qty per Reel/Tube/Bag
3,000
Inner Box Dimension (mm)
188x181x69
Max qty per Box
15,000
Weight per unit (gm)
0.0084
Weight per Reel (kg)
-
Outer Box Dimension (mm) 420x420x320
Max qty per Box
180,000
188mm x 181mm x 69mm
Inner box(15,000cap)
5 Reels per box
188mm x 181mm x 69mm
Inner box(15,000cap)
5 Reels per box
SOT-23 Tape and Reel Data
©2001 Fairchild Semiconductor Corporation
October 2001, Rev. A
Static Dissipative
Embossed Carrier Tape
FKS Label
Antistatic Cover Tape
Static Dissipative
Embossed Carrier Tape
FKS Label
Antistatic Cover Tape
SOT-23 Packaging
Configuration: Figure 1.0
Packaging Description:
SOT-23 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7” or 17.7cm diameter reel. The reels are
clear in color and is made of polystyrene plastic (anti-static
coated). This and some other options are further described
in the Packaging Information table. These full reels are
individually barcode labeled and placed inside a standard
intermediate box (illustrated in figure 1.0) made of
recyclable corrugated brown paper. One box contains five
reels maximum. And these boxes are placed inside a
barcode labeled shipping box which comes in different
sizes depending on the number of parts shipped.
SOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
DVC:
KA7812-AE
LOT:
IMSYS777
Q’TY:
12000
Outer Box Barcode Label Sample
IM
01
A710103105
88706892
7103
DVC:
KA7812-AE
LOT:
IMSYS777
12000
IM
01
00 / 03 / 17
07:30
DVC:
LOT:
Q’TY:
Inner Box Barcode Label Sample
DVC:
KA7812-AE
OPTION:
TKLEE777
1000
00 / 03 / 17
06:30
W/W: 0103
01
20000025
MBB : NOR
P/U : 660
S/T : LOGO
I/B: LOGO
HIC : 0 P/T:O MIX: X
P
ETC:
420m x 420mm x 320mm
Outer box(180,000cap)
FKS Label
420m x 420mm x 320mm
Outer box(180,000cap)
FKS Label
FKS Label
Components
Cover Tape
Carrier Tape
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOT-23 Unit Orientation
Pin 1
7H
7H
7H
7H


Similar Part No. - PZTA55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA56 PHILIPS-PZTA56 Datasheet
52Kb / 8P
   PNP general purpose transistor
1997 Apr 01
logo
Fairchild Semiconductor
PZTA56 FAIRCHILD-PZTA56 Datasheet
648Kb / 15P
   PNP General Purpose Amplifier
PZTA56 FAIRCHILD-PZTA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
Jiangsu Changjiang Elec...
PZTA56 JIANGSU-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
PZTA56 KEXIN-PZTA56 Datasheet
59Kb / 1P
   PNP General Purpose Transistor
More results

Similar Description - PZTA55

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com