Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1955ARSRL Datasheet(PDF) 2 Page - Analog Devices

Part # AD1955ARSRL
Description  High Performance Multibit with SACD Playback
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARSRL Datasheet(HTML) 2 Page - Analog Devices

  AD1955ARSRL Datasheet HTML 1Page - Analog Devices AD1955ARSRL Datasheet HTML 2Page - Analog Devices AD1955ARSRL Datasheet HTML 3Page - Analog Devices AD1955ARSRL Datasheet HTML 4Page - Analog Devices AD1955ARSRL Datasheet HTML 5Page - Analog Devices AD1955ARSRL Datasheet HTML 6Page - Analog Devices AD1955ARSRL Datasheet HTML 7Page - Analog Devices AD1955ARSRL Datasheet HTML 8Page - Analog Devices AD1955ARSRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD1955–SPECIFICATIONS
ANALOG PERFORMANCE
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
SIGNAL-TO-NOISE RATIO (20 Hz to 20 kHz)
*
Differential Output (A-Weighted, RMS) (Stereo)
120
114
dB
Differential Output (A-Weighted, RMS) (Mono)
123
dB
Single-Ended (A-Weighted, RMS) (Stereo)
119
dB
DYNAMIC RANGE (20 Hz to 20 kHz, –60 dB Input)
*
Differential Output (A-Weighted, RMS) (Stereo)
120
114
dB
Differential Output (A-Weighted, RMS) (Mono)
123
dB
Single-Ended (A-Weighted, RMS) (Stereo)
119
dB
Total Harmonic Distortion + Noise (Stereo) at 0 dBFS
–110
–102.5
dB
ANALOG OUTPUTS
Differential Output Range (Full Scale)
8.64
mA p-p
Output Capacitance at Each Output Pin
100
pF
Output Bias Current, Each Output
–3.24
mA
Out-of-Band Energy (0.5
fS to 100 kHz)
–90
dB
Reference Voltage
2.245
2.39
2.505
V
DC ACCURACY
Gain Error
±6%
Interchannel Gain Mismatch
0.01
0.26
dB
Gain Drift
25
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–125
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
*Measured with Audio Precision System Two Cascade in RMS Mode. Averaging Mode will show approximately 2 dB better performance.
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
TEST CONDITIONS
(Unless otherwise noted.)
Analog Supply Voltages (AVDD) . . . . . . . . . . . . . . . . . . . . 5 V
Digital Supply Voltages (DVDD) . . . . . . . . . . . . . . . . . . . . 5 V
Reference Current (IREF) . . . . . . . . . . . . . . . . . . . . . 0.960 mA
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
°C
Input Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.288 MHz
Input Signal . . . . . . . . . . . . . . . . . 984.375 Hz, 0 dB Full Scale
Input Sample Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 kHz
Measurement Bandwidth . . . . . . . . . . . . . . . . 20 Hz to 20 kHz
Word Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Bits
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 pF
Load Impedance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 k
Input Voltage HI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4 V
Input Voltage LO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 V
(See figures. IREF = 0.960 mA, VBIAS = 2.80 V.)


Similar Part No. - AD1955ARSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
AD1955YRS AD-AD1955YRS Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
AD1955YRSRL AD-AD1955YRSRL Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
More results

Similar Description - AD1955ARSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
   High Performance Multibit - DAC with SACD Playback
REV. 0
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
logo
List of Unclassifed Man...
YMZ705 ETC-YMZ705 Datasheet
1Mb / 9P
   SSG ADPCM PLAYBACK WITH SEQUENCER
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
logo
STMicroelectronics
TDA7284 STMICROELECTRONICS-TDA7284 Datasheet
157Kb / 14P
   RECORD/PLAYBACK CIRCUIT WITH ALC
logo
Sony Corporation
CXA2559Q SONY-CXA2559Q Datasheet
300Kb / 19P
   Playback Equalizer Amplifier with Music Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com